công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5539 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD5539
Giải thích chi tiết về linh kiện  Ultrahigh Frequency Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5539 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD5539_15 Datasheet HTML 7Page - Analog Devices AD5539_15 Datasheet HTML 8Page - Analog Devices AD5539_15 Datasheet HTML 9Page - Analog Devices AD5539_15 Datasheet HTML 10Page - Analog Devices AD5539_15 Datasheet HTML 11Page - Analog Devices AD5539_15 Datasheet HTML 12Page - Analog Devices AD5539_15 Datasheet HTML 13Page - Analog Devices AD5539_15 Datasheet HTML 14Page - Analog Devices AD5539_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD5539
–11–
REV. B
value of RLAG, the higher the noise gain). For example, with a
220
Ω R
LAG and a 50
Ω source resistance, the noise gain will be
12.8, because the source resistance affects the noise gain.
Figures 31 and 32 show the small and large signal responses of
the circuit of Figure 29.
Figure 31. The Small-Signal Pulse Response of the Gain
of 3 Follower Circuit with RLAG and CLEAD Compensation to
Pin 12; Vertical Scale: 50 mV/div; Horizontal Scale:
5 ns/div
Figure 32. The Large-Signal Pulse Response of the Gain
of 3 Follower Circuit with RLAG and CLEAD Compensation to
Pin 12; Vertical Scale: 200 mV/div; Horizontal Scale:
5 ns/div
A Video Amplifier Circuit with 20 dB Gain (Terminated)
High gain applications (14 dB and up) require only a small lead
capacitance to obtain flat response. The 26 dB (20 dB termi-
nated) video amplifier circuit of Figure 33 has the response
shown in Figure 34 using only approximately 0.5-1 pF lead ca-
pacitance. Again, a small CLEAD can be connected, either to the
output or to Pin 12 with very little difference in response.
Figure 33. A 20 dB Gain Video Amplifier for 75
Ω Systems
Figure 34. Response of the 20 dB Video Amplifier
In color video applications, the quality of differential gain and
differential phase response is very important. Figures 35 and 36
show a circuit and test setup to measure the AD5539’s response
to a modulated ramp signal (0-90 IRE p-p ramp, 40 IRE p-p
modulation, 4.4 MHz).
Figures 37 and 38 show the differential gain and phase response.
OBSOLETE


Số phần tương tự - AD5539_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5539J AD-AD5539J Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539JN AD-AD5539JN Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539JQ AD-AD5539JQ Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539S AD-AD5539S Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539SQ AD-AD5539SQ Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
More results

Mô tả tương tự - AD5539_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
230Kb / 14P
   High frequency operational amplifier
2002 Jan 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com