công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1819A bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD1819A
Giải thích chi tiết về linh kiện  AC 97 SoundPort Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1819A bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD1819A_15 Datasheet HTML 1Page - Analog Devices AD1819A_15 Datasheet HTML 2Page - Analog Devices AD1819A_15 Datasheet HTML 3Page - Analog Devices AD1819A_15 Datasheet HTML 4Page - Analog Devices AD1819A_15 Datasheet HTML 5Page - Analog Devices AD1819A_15 Datasheet HTML 6Page - Analog Devices AD1819A_15 Datasheet HTML 7Page - Analog Devices AD1819A_15 Datasheet HTML 8Page - Analog Devices AD1819A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD1819A
–2–
REV. 0
PRODUCT OVERVIEW
The AD1819A SoundPort Codec is designed to meet all require-
ments of the Audio Codec ’97, Component Specification, Revision
1.03, © 1996, Intel Corporation, found at www.Intel.com. In
addition, the AD1819A supports multiple codec configurations
(up to three per AC-Link), a DSP serial mode, variable sample
rates, modem sample rates and filtering, and built-in Phat Ste-
reo 3D enhancement.
The AD1819A is an analog front end for high performance PC
audio, modem, or DSP applications. The AC ’97 architecture
defines a 2-chip audio solution comprising a digital audio con-
troller, plus a high quality analog component that includes
Digital-to-Analog Converters (DACs), Analog-to-Digital Con-
verters (ADCs) mixer and I/O.
The main architectural features of the AD1819A are the high
quality analog mixer section, two channels of
Σ∆ ADC conver-
sion, two channels of
Σ∆ DAC conversion and Data Direct
Scrambling (D
2S) rate generators. The AD1819A’s left channel
ADC and DAC are compatible for modem applications support-
ing irrational sample rates and modem filtering requirements.
FUNCTIONAL DESCRIPTION
This section overviews the functionality of the AD1819A and is
intended as a general introduction to the capabilities of the
device. Detailed reference information may be found in the
descriptions of the Indexed Control Registers.
Analog Inputs
The codec contains a stereo pair of
Σ∆ ADCs. Inputs to the
ADC may be selected from the following analog signals: tele-
phony (PHONE_IN), mono microphone (MIC1 or MIC2),
stereo line (LINE_IN), auxiliary line input (AUX), stereo CD
ROM (CD), stereo audio from a video source (VIDEO) and
post-mixed stereo or mono line output (LINE_OUT).
Analog Mixing
PHONE_IN, MIC1 or MIC2, LINE_IN, AUX, CD and
VIDEO can be mixed in the analog domain with the stereo
output from the DACs. Each channel of the stereo analog in-
puts may be independently gained or attenuated from +12 dB
to –34.5 dB in 1.5 dB steps. The summing path for the mono
inputs (PHONE_IN, MIC1, and MIC2 to LINE_OUT) dupli-
cates mono channel data on both the left and right LINE_OUT.
Additionally, the PC attention signal (PC_BEEP) may be
mixed with the line output. A switch allows the output of the
DACs to bypass the Phat Stereo 3D enhancement.
Analog-to-Digital Signal Path
The selector sends left and right channel signals to the program-
mable gain amplifier (PGA). The PGA following the selector
allows independent gain for each channel entering the ADC
from 0 dB to +22.5 dB in 1.5 dB steps.
Each channel of the ADC is independent, and can process
left and right channel data at different sample rates. All pro-
grammed sample rates from 7 kHz to 48 kHz have a resolution
of 1 Hz. The AD1819A also supports irrational V.34 sample
rates.
Sample Rates and D
2S
The AD1819A default mode sets the codec to operate at 48 kHz
sample rates. The converter pairs may process left and right
channel data at different sample rates. The AD1819A sample
rate generator allows the codec to instantaneously change and
process sample rates from 7 kHz to 48 kHz with a resolution of
1 Hz. The in-band integrated noise and distortion artifacts in-
troduced by rate conversions are below –90 dB. The AD1819A
uses a 4-bit D/A structure and Data Directed Scrambling (D
2S)
to enhance noise immunity on motherboards and in PC enclo-
sures, and to suppress idle tones below the device’s quantization
noise floor. The D
2S process pushes noise and distortion arti-
facts caused by errors in the multibit D/A conversion process to
frequencies beyond the audible range of the human ear and then
filters them.
Digital-to-Analog Signal Path
The analog output of the DAC may be gained or attenuated
from +12 dB to –34.5 dB in 1.5 dB steps, and summed with any
of the analog input signals. The summed analog signal enters
the Master Volume stage where each channel of the mixer out-
put may be attenuated from 0 dB to –46.5 dB in 1.5 dB steps or
muted.
Host-Based Echo Cancellation Support
The AD1819A supports time correlated I/O data format by
presenting mic data on the left channel of the ADC and the
mono summation of left and right output on the right channel.
The ADC is splittable; left and right ADC data can be sampled
at different rates.
Telephony Modem Support
The AD1819A contains a V.34-capable analog front end for
supporting host-based and data pump modems. The modem
DAC typical dynamic range is 90 dB over a 4.2 kHz analog
output passband where FS = 12.8 kHz. The left channel of the
ADC and DAC may be used to convert modem data at the same
sample rate in the range between 7 kHz and 48 kHz. All pro-
grammed sample rates have a resolution of 1 Hz. The AD1819A
supports irrational V.34 sample rates with 8/7 and 10/7 select-
able sample rate multiplier coefficients.
OBSOLETE


Số phần tương tự - AD1819A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1819 AD-AD1819 Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819BJST AD-AD1819BJST Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
More results

Mô tả tương tự - AD1819A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com