công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD547 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD547
Giải thích chi tiết về linh kiện  High Performance, BiFET Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD547 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD547_15 Datasheet HTML 4Page - Analog Devices AD547_15 Datasheet HTML 5Page - Analog Devices AD547_15 Datasheet HTML 6Page - Analog Devices AD547_15 Datasheet HTML 7Page - Analog Devices AD547_15 Datasheet HTML 8Page - Analog Devices AD547_15 Datasheet HTML 9Page - Analog Devices AD547_15 Datasheet HTML 10Page - Analog Devices AD547_15 Datasheet HTML 11Page - Analog Devices AD547_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD542/AD544/AD547
REV. B
–10–
This particular log ratio circuit is free from the dynamic prob-
lems that plague many other log circuits. The –3 dB bandwidth
is 50 kHz over the top 3 decades, 100 nA to 100
µA, and de-
creases smoothly at lower input levels. This circuit needs no ad-
ditional frequency compensation for stable operation from
input current sources, such as photodiodes, that may have 100
pF of shunt capacitance. For larger input capacitances a 20 pF
integration capacitor around each amplifier will provide a
smoother frequency response.
This log ratio amplifier can be readily adjusted for optimum
accuracy by following this simple procedure. First, apply V1 =
V2 = –10.00 V and adjust “Balance” for VOUT = 0.00 V. Next
apply V1 = –10.00 V, V2 = –1.00 V and adjust gain for VOUT =
+1.00 V. Repeat this procedure until gain and balance readings
are within 2 mV of ideal values.
Figure 35. Low Drift Integrator and
Low Leakage Guarded Reset
Figure 34. Differentiator
Figure 36. Wien-Bridge
Oscillator–fO = 10 kHz
Figure 37. Capacitance
Multiplier
Figure 38. Long Interval
Timer–1,000 Seconds
Figure 39. Positive Peak Detector
OBSOLETE


Số phần tương tự - AD547_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD547JH AD-AD547JH Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547KH AD-AD547KH Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547LH AD-AD547LH Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547SCHIPS AD-AD547SCHIPS Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
More results

Mô tả tương tự - AD547_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD544 AD-AD544_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD542 AD-AD542_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com