công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD547 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD547
Giải thích chi tiết về linh kiện  High Performance, BiFET Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD547 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD547_15 Datasheet HTML 3Page - Analog Devices AD547_15 Datasheet HTML 4Page - Analog Devices AD547_15 Datasheet HTML 5Page - Analog Devices AD547_15 Datasheet HTML 6Page - Analog Devices AD547_15 Datasheet HTML 7Page - Analog Devices AD547_15 Datasheet HTML 8Page - Analog Devices AD547_15 Datasheet HTML 9Page - Analog Devices AD547_15 Datasheet HTML 10Page - Analog Devices AD547_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD542/AD544/AD547
REV. B
–7–
Figure 23b. Unity Gain Follower
Pulse Response (Small Signal)
Figure 24b. Unity Gain Inverter
Pulse Response (Large Signal)
Figure 23c. Unity Gain Follower
Figure 24c. Unity Gain Inverter
Pulse Response (Small Signal)
Figure 23a. Unity Gain Follower
Pulse Response (Large Signal)
Figure 24a. Unity Gain Inverter
Figure 27. Circuit for Driving a Large Capacitance Load
The circuit in Figure 27 employs a 100
Ω isolation resistor
which enables the amplifier to drive capacitance loads exceeding
500 pF; the resistor effectively isolates the high frequency feed-
back from the load and stabilizes the circuit. Low frequency
feedback is returned to the amplifier summing junction via the
low-pass filter formed by the 100
Ω series resistor and the load
capacitance, CL.
Figure 28. Transient Response RL = 2 kΩ
CL = 500 pF–AD544
Figure 25. Settling Time Test Circuit
The upper trace of the oscilloscope photograph of Figure 26
shows the settling characteristic of the AD544. The lower trace
represents the input to Figure 27. The AD544 has been designed
for fast settling to 0.01%, however, feedback components, cir-
cuit layout and circuit design must be carefully considered to
obtain optimum settling time.
Figure 26. Settling Characteristic Detail–AD544
OBSOLETE


Số phần tương tự - AD547_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD547JH AD-AD547JH Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547KH AD-AD547KH Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547LH AD-AD547LH Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD547SCHIPS AD-AD547SCHIPS Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
More results

Mô tả tương tự - AD547_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD544 AD-AD544_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD542 AD-AD542_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com