công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP186 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện OP186
Giải thích chi tiết về linh kiện  Ultra Low Power Rail-to-Rail Output Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

OP186 bảng dữ liệu(HTML) 1 Page - Analog Devices

  OP186_15 Datasheet HTML 1Page - Analog Devices OP186_15 Datasheet HTML 2Page - Analog Devices OP186_15 Datasheet HTML 3Page - Analog Devices OP186_15 Datasheet HTML 4Page - Analog Devices OP186_15 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its use,
nor for any infringements of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any
patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site:http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
OP186
REV. -0.1 02/21/97
a
Ultra Low Power
Rail-to-Rail Output
Operational Amplifier
Preliminary
OP186
FEATURES
Low Supply Current: 4 µA Max
Single-Supply Operation: 2.7 to 12 Volts
Wide Input Voltage Range
Rail-to-Rail Output Swing
No Phase Reversal
APPLICATIONS
Comparator
Battery Powered Instrumentation
Safety Monitoring
Remote Sensors
Low Voltage Strain Gage Amplifiers
GENERAL DESCRIPTION
The OP186 is a single ultra low power single-supply,
amplifier featuring rail-to-rail outputs. Specified at 3
volt, and 5 volt single supply as well as ±5 volt dual
supplies, it is guaranteed to operate from as low as
2.7 volts.
Fabricated on Analog Device's CBCMOS process, the
OP186 features a bipolar input and an output that
swings to within millivolts of the supplies and
continues to sink or source current all the way to the
supplies.
Applications for these amplifiers include safety
monitoring, portable equipment, battery and power
supply control, and as signal conditioning and
interface for transducers in very low power systems.
The output’s ability to swing rail-to-rail and not
increase supply current when the output is driven to
a supply, enables the OP186 to be used as a
comparator in very low power systems.
The OP186 is specified over the extended industrial
(-40° to +125°C) temperature range. The OP186 is
available in the SOT23 package.
5-Lead SOT
(RT Suffix)
OUT A
+IN A
-IN A
V-
V+
OP186
OBSOLETE


Số phần tương tự - OP186_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP186GRT AD-OP186GRT Datasheet
189Kb / 12P
   5 uA, Rail-to-Rail Output Operational Amplifier
REV. 0
More results

Mô tả tương tự - OP186_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NCS20091 ONSEMI-NCS20091 Datasheet
686Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20061 ONSEMI-NCS20061 Datasheet
775Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
logo
Guangdong Youtai Semico...
LMV321 UMW-LMV321 Datasheet
2Mb / 10P
   Low-Power rail-to-rail Operational Amplifier
logo
ON Semiconductor
NCV952 ONSEMI-NCV952 Datasheet
1Mb / 10P
   Operational Amplifier Low Power, Rail-to-Rail
July, 2015 ??Rev. 3
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 24P
   Low-power, rail-to-rail output, 36 V operational amplifier
August 2015 Rev 1
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com