công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADDC02805S bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADDC02805S
Giải thích chi tiết về linh kiện  28 V/100 W DC/DC Converter with Integral EMI Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADDC02805S bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADDC02805S_15 Datasheet HTML 1Page - Analog Devices ADDC02805S_15 Datasheet HTML 2Page - Analog Devices ADDC02805S_15 Datasheet HTML 3Page - Analog Devices ADDC02805S_15 Datasheet HTML 4Page - Analog Devices ADDC02805S_15 Datasheet HTML 5Page - Analog Devices ADDC02805S_15 Datasheet HTML 6Page - Analog Devices ADDC02805S_15 Datasheet HTML 7Page - Analog Devices ADDC02805S_15 Datasheet HTML 8Page - Analog Devices ADDC02805S_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
OBSOLETE
FUNCTIONAL BLOCK DIAGRAM
OUTPUT SIDE
CONTROL
CIRCUIT
INPUT SIDE
CONTROL
CIRCUIT
EMI FILTER
OUTPUT
FILTER
+VOUT
RETURN
+ SENSE
ADJUST
STATUS
VAUX
INHIBIT
SYNC
ISHARE
TEMP
–VIN
+VIN
FIXED
FREQUENCY
DUAL
INTERLEAVED
POWER TRAIN
– SENSE
RETURN
RETURN
+VOUT
+VOUT
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADDC02805S
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
28 V dc Input, 5 V dc @ 20 A, 100 W Output
Integral EMI Filter Designed to Meet MIL-STD-461D
Low Weight: 80 Grams
NAVMAT Derated
Many Protection and System Features
APPLICATIONS
Commercial and Military Airborne Electronics
Missile Electronics
Space-Based Antennae and Vehicles
Mobile/Portable Ground Equipment
Distributed Power Architecture for Active Array Radar
GENERAL DESCRIPTION
The ADDC02805S hybrid dc/dc converter with integral EMI
filter offers the highest power density of any dc/dc converter
with its features and in its power range available today. The
converter with integral EMI filter is a fixed frequency, 1 MHz,
square wave switching dc/dc power supply. It is not a variable
frequency resonant converter. In addition to many protection
features, this converter has system level features that allow it to
be used as a component in larger systems as well as a stand-
alone power supply. The unit is designed for high reliability and
high performance applications where saving space and/or weight
are critical.
The ADDC02805S is available in three screening grades; all
grades use a hermetically sealed, molybdenum based hybrid
package. Contact factory for MIL-STD-883 device availability.
28 V/100 W DC/DC Converter
with Integral EMI Filter
PRODUCT HIGHLIGHTS
1. 60 W/cubic inch power density with an integral EMI filter
designed to meet all applicable requirements in MIL-STD-
461D when installed in a typical system setup.
2. Light weight: 80 grams
3. Operational and survivable over a wide range of input
conditions: 16 V–50 V dc; survives low line, high line, and
positive and negative transients. See section entitled: Input
Voltage Range.
4. High reliability; NAVMAT derated
5. Protection features include:
Output Overvoltage Protection
Output Short Circuit Current Protection
Thermal Monitor/Shutdown
Input Overvoltage Shutdown
Input Transient Protection
6. System level features include:
Current Sharing for Parallel Operation
Inhibit Control
Output Status Signal
Synchronization for Multiple Units
Input Referenced Auxiliary Voltage Supply


Số phần tương tự - ADDC02805S_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADDC02805SA AD-ADDC02805SA Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02805SAKV AD-ADDC02805SAKV Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02805SATV AD-ADDC02805SATV Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
More results

Mô tả tương tự - ADDC02805S_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
ADDC02808PB AD-ADDC02808PB_15 Datasheet
471Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
logo
Delta Electronics, Inc.
DVETR2800D DELTA-DVETR2800D Datasheet
275Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com