công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7010 bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
AD7010 bảng dữ liệu(HTML) 7 Page - Analog Devices |
7 / 8 page AD7010 REV. B –7– Ramp-Up/Down Envelope Logic The AD7010 provides on-chip envelope shaping logic, providing power shaping control for the beginning and end of a transmit burst. When BIN (Burst In) is brought high, the modulator is reset to a transmitting all zeros state (i.e., Xk = Yk = 0) and continues to transmit all zeros for the first two symbols, during which the ramp-up envelope goes from zero to full scale as illus- trated in Figure 10. The next symbol to be transmitted is [I1, Q1], which represents the first two data bits clocked in after BIN going high, i.e., [X1, Y1]. 1 2 – 1 2 CO S π t 2T 1 2 + 1 2 CO S π t 2T 2 SYMBOLS 2 SYMBOLS Figure 10. Ramp Envelope When BIN is brought low, indicating the end of a transmit burst, the current Di-bit symbol [XN+4, YN+4] that the AD7010 is receiving will be the last symbol to be computed for the 4 symbol ramp-down sequence. Also the N th symbol is the last active symbol prior to ramping down. However, because the impulse response is equal to ±4 symbols, four additional symbols are required to fully compute the analog outputs when transmitting the (N+4) th symbol. Hence there will be eight subsequent TxCLKs, latching four additional Di-bit symbols: [XN+5, YN+5] to [XN+8, XN+8]. As Figure 11 illustrates, the ramp-down envelope reaches zero after two symbols, hence the third and fourth symbols do not actually get transmitted. Reconstruction Filters The reconstruction filters smooth the DAC output signals, pro- viding continuous time I and Q waveforms at the output pins. These are 4th order Bessel low-pass filters with a –3 dB fre- quency of approximately 22 kHz, the frequency response is illustrated in Figure 12. The filters are designed to have a linear phase response in the passband and due to the reconstruction filters being on-chip, the phase mismatch between the I and Q transmit channels is kept to a minimum. 0 –40 –80 1 1000 100 10 0.1 –60 –20 –30 –50 –70 –10 FREQUENCY – kHz Figure 12. Reconstruction Filter Frequency Response for I and Q DACs, MCLK = 2.688 MHz Transmit Section Digital Interface MODE1 = MODE2 = DGND: Digital π/4 DQPSK Mode Figures 5 and 6 show the timing diagrams for the transmit interface when operating in JDC π/4 DQPSK mode. Power is sampled on the rising edge of MCLK. When Power is brought high, the transmit section is brought out of sleep mode and ini- tiates a self-calibration routine as described above. Once the self-calibration is complete, the READY signal goes high to indicate that a transmit burst can now begin. BIN (Burst in) is brought high to initiate a transmit burst and should only be brought high if the READY signal is already high. X 1 Y 1 X N Y N Y N+1 X N+1 Y N+2 X N+2 Y N+3 X N+3 Y N+4 X N+4 2 SYMBOL RAMP-UP ENVELOPE 2 SYMBOL RAMP-DOWN ENVELOPE I 1 Q 1 I N Q N I N+1 Q N+1 I N+2 Q N+2 I N+3 Q N+3 I N+4 Q N+4 0 0 0 0 SYMBOL PHASE MAX EFFECT BIN TxCLK TxDATA BOUT (ITx–ITx), (QTx–QTx) Y N+5 X N+5 Y N+6 X N+6 Y N+7 X N+7 Y N+8 X N+8 = 480 t 1 Figure 11. Transmit Burst OBSOLETE |
Số phần tương tự - AD7010_15 |
|
Mô tả tương tự - AD7010_15 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |