công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7010 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD7010
Giải thích chi tiết về linh kiện  CMOS JDC 4 DQPSK Baseband Transmit Port
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7010 bảng dữ liệu(HTML) 6 Page - Analog Devices

  AD7010_15 Datasheet HTML 1Page - Analog Devices AD7010_15 Datasheet HTML 2Page - Analog Devices AD7010_15 Datasheet HTML 3Page - Analog Devices AD7010_15 Datasheet HTML 4Page - Analog Devices AD7010_15 Datasheet HTML 5Page - Analog Devices AD7010_15 Datasheet HTML 6Page - Analog Devices AD7010_15 Datasheet HTML 7Page - Analog Devices AD7010_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD7010
REV. B
–6–
TERMINOLOGY
Error Vector Magnitude
This is a measure of the rms error vector introduced by the
AD7010 where signal error vector is defined as the rms devia-
tion of a transmitted symbol from its ideal position, as illustrated
in Figure 7, when filtered by an ideal RRC filter.
Gain Matching Between Channels
This is the Gain matching between the I and Q outputs, mea-
sured when transmitting all zeros.
Offset Vector Magnitude
This is a measure of the offset vector introduced by the AD7010
as illustrated in Figure 7. The offset vector is calculated so as to
minimize the rms error vector for each of the constellation points.
Output Signal Range and Differential Output Range
The output signal range is the output voltage swing and dc bias
level for each of the analog outputs. The Differential Output
Range is the difference between ITx and ITx for the I channel
and the difference between QTx and QTx for the Q Channel.
JDC Spurious Power
This is the rms sum of the spurious power measured at multi-
ples of 25 kHz, in a rectangular window of
±10.5 kHz, relative
to twice the rms power in a RRC window in the 0 kHz to
10.5 kHz band.
Signal Vector Magnitude
This is the radius of the IQ constellation diagram as illustrated
in Figure 7.
I
Q
ERROR VECTOR
OFFSET
VECTOR
0,0
SIGNAL VECTOR
Figure 7.
CIRCUIT DESCRIPTION
TRANSMIT SECTION
The transmit section of the AD7010 generates
π/4 DQPSK I
and Q waveforms in accordance with JDC specification. This is
accomplished by a digital
π/4 DQPSK modulator, which in-
cludes the Root-Raised Cosine filters (
α = 0.5), followed by two
10-bit DACs and on-chip reconstruction filters. The
π/4
DQPSK (Differential Quadrature Phase Shift Keying) digital
modulator generates 10-bit I and Q data in response to the
transmit data stream. The 10-bit I and Q DACs are filtered by
on-chip reconstruction filters, which also generate differential
analog outputs for both I and Q channels.
/4 DQPSK Modulator
The
π/4 DQPSK modulator generates 10-bit I and Q data (In-
phase and Quadrature) which are loaded into the I and Q 10-bit
transmit DACs.
Table II.
Xk
Yk
k
1
1
–3
π/4
01
3
π/4
00
π/4
10
π/4
Figure 8 shows the functional block diagram of the
π/4 DQPSK
modulator. The transmit serial data (TxDATA) is first con-
verted into Di-bit symbols [Xk, Yk], using a 2-bit serial to paral-
lel converter. The data is then differentially encoded; symbols
are transmitted as changes in phase rather than absolute phases.
Each symbol represents a phase change, as illustrated in Table
II, and this along with the previously transmitted symbol deter-
mines the next symbol to be transmitted. The differential phase
encoder generates I and Q impulses [Ik, Qk] in response to the
Di-bit symbols according to:
Ik = COS[
φ
k–1 +
∆φ
k]
Qk = SIN[
φ
k–1 +
∆φ
k]
DIFFERENTIAL
PHASE
ENCODER
ROOT-RAISED
COSINE FILTER
I DATA
Q DATA
10
10
2-BIT
SERIAL TO
PARALLEL
CONVERTER
π/4 DQPSK DIGITAL MODULATOR
X
k
Y
k
I
k
Q
k
ROOT-RAISED
COSINE FILTER
TxDATA
Figure 8.
π/4 DQPSK Modulator Functional Block Diagram
Figure 9 illustrates the
π/4 DQPSK constellation diagram as de-
scribed above, showing the eight possible states for [Ik, Qk].
The Ik and Qk impulses are then filtered by FIR Root-Raised
Cosine Filters (
α = 0.5), generating 10-bit I and Q data. The
FIR Root-Raised Cosine Filters have an impulse response of
±4 symbols.
I
Q
Figure 9.
π/4 DQPSK Constellation Diagram
Transmit Calibration
When the transmit section is brought out of sleep mode (Power
high), the transmit section initiates a self-calibration routine to
remove the offset between ITx and ITx and the offset between
QTx and QTx. READY goes high on the completion of the self-
calibration routine. Once READY goes high, BIN (Burst In)
can be brought high to initiate a transmit burst.
OBSOLETE


Số phần tương tự - AD7010_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7010ARS AD-AD7010ARS Datasheet
249Kb / 8P
   CMOS JDC p/4 DQPSK Baseband Transmit Port
REV. B
More results

Mô tả tương tự - AD7010_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7010 AD-AD7010 Datasheet
249Kb / 8P
   CMOS JDC p/4 DQPSK Baseband Transmit Port
REV. B
AD7011 AD-AD7011_15 Datasheet
393Kb / 12P
   CMOS, ADC 4 DQPSK Baseband Transmit Port
REV. B
AD7011 AD-AD7011 Datasheet
389Kb / 12P
   CMOS, ADC p/4 DQPSK Baseband Transmit Port
REV. B
AD7013 AD-AD7013_15 Datasheet
456Kb / 20P
   CMOS TIA IS-54 Baseband Receive Port
REV. A
AD7013 AD-AD7013 Datasheet
591Kb / 20P
   CMOS TIA IS-54 Baseband Receive Port
REV. A
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
   CMOS PCM Transmit/receive Filters
logo
Sony Corporation
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
   CMOS-CCD Baseband 1H Delay Line
logo
Skyworks Solutions Inc.
RFX2402E SKYWORKS-RFX2402E Datasheet
681Kb / 7P
   CMOS 2.4GHZ TRANSMIT/RECEIVE WLAN RFeIC
logo
Analog Devices
AD7001 AD-AD7001 Datasheet
619Kb / 16P
   LC2MOS GSM Baseband I/O Port
REV. A
AD7002 AD-AD7002 Datasheet
455Kb / 16P
   LC2MOS GSM Baseband I/O Port
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com