công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

J0C-0006NLT bảng dữ liệu(PDF) 1 Page - Pulse A Technitrol Company

tên linh kiện J0C-0006NLT
Giải thích chi tiết về linh kiện  PulseJack Surface Mount 1x1
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSE [Pulse A Technitrol Company]
Trang chủ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J0C-0006NLT bảng dữ liệu(HTML) 1 Page - Pulse A Technitrol Company

  J0C-0006NLT Datasheet HTML 1Page - Pulse A Technitrol Company J0C-0006NLT Datasheet HTML 2Page - Pulse A Technitrol Company J0C-0006NLT Datasheet HTML 3Page - Pulse A Technitrol Company J0C-0006NLT Datasheet HTML 4Page - Pulse A Technitrol Company J0C-0006NLT Datasheet HTML 5Page - Pulse A Technitrol Company J0C-0006NLT Datasheet HTML 6Page - Pulse A Technitrol Company J0C-0006NLT Datasheet HTML 7Page - Pulse A Technitrol Company J0C-0006NLT Datasheet HTML 8Page - Pulse A Technitrol Company J0C-0006NLT Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
J409.N (05/13)
1
pulseelectronics.com
PulseJack™
Surface Mount 1x1
RoHS peak wave reflow temperature rating 245°C
J0C SMT product, reduced size and low cost alternative
to JV series
Meets IEEE 802.3 specification
High performance for maximum EMI suppression
Minimum 1500Vrms isolation per IEEE 802.3 requirement
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
RoHS
Compliant
Part No.
TX
RX
1-65
MHz
1-10
MHz
30
MHz
60-80
MHz
1-10
MHz
30-60
MHz
60-100
MHz
1-50
MHz
50-130
MHz
@ 60 Hz
1 MIN
J0C-0003NL
1CT:1
1CT:1
Down
No
No
No
-1.0
-18
-14
-10
-35
-35
-30
-20
-20
1500
J0C-0004NL
1CT:1
1CT:1
Down
No
No
Yes
-1.0
-18
-14
-10
-35
-35
-30
-20
-20
1500
J0C-0005NL
1CT:1
1CT:1
Down
No
Yes
No
-1.0
-18
-14
-10
-35
-35
-30
-20
-20
1500
J0C-0006NL
1CT:1
1CT:1
Down
No
Yes
Yes
-1.0
-18
-14
-10
-35
-35
-30
-20
-20
1500
JV006I21NL
1CT:1
1CT:1
Down
No
No
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JV011I21NL
1CT:1
1CT:1
Down
No
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JV026I21NL
1CTS:1
1CT:1
Down
No
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
J3011G21DNL
1CT:1
1CT:1
Up
G/Y
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
J3026G01DNL
1CTS:1
1CT:1
Up
G/Y
Yes
No
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
J3026G21DNL
1CTS:1
1CT:1
Up
G/Y
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
JX30-0005NL
1CT:1
1CT:1
Up
G/Y
Yes
Yes
-1.0
-20
-16
-12
-40
-35
-30
-30
-20
1500
Notes:
1. LEDs Left/Right: G = green; Y = yellow.
2. Add suffix “T” for Tape & Reel option (e.g. J0C-0004T).
3. Extended Temperature: -40° to 85° C
Description:
100 Base-TX (Fast Ethernet) surface mount RJ45 single port (1x1) Tab-UP/DOWN with or without
LEDS Integrated Magnetics Connector, designed to support applications such as: Set Top Box and
Network Interface Cars (NIC).
Features and Benefits:
Common Mode
Rejection
(dB MIN)
Crosstalk
(dB MIN)
Return Loss
(dB MIN)
100
Ω (±15Ω)
Insertion
Loss
(dB MAX)
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
LEDs
L/R
BST
Circuit
EMI
Finger
Turns
Ratios
Hipot
(Vrms MIN)
Tab
Option
Up/Down
1
3
RJ45 Durability Test Rating
Part Number
Mating Force
(MAX)
Unmating Force
(MAX)
Durability
Plug to Jack
Retention (MIN)
J0C/JV/J3 Series
5 Ibs./2.268 kgs.
5 Ibs./2.268 kgs.
750 Insertions
20 Ibs./9.072 kgs.
SMT Contacts
J0C
J30
JV0
3


Số phần tương tự - J0C-0006NLT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pulse A Technitrol Comp...
J0C-0006NL PULSE-J0C-0006NL Datasheet
1Mb / 12P
   RoHS peak wave reflow temperature rating 245 C J0C SMT product, reduced size and low cost alternative to JV series
J0C-0006NL PULSE-J0C-0006NL Datasheet
1Mb / 13P
   PulseJack??Surface Mount 1x1
J0C-0006NL PULSE-J0C-0006NL Datasheet
544Kb / 12P
   Surface Mount 1x1
J0C-0006NL PULSE-J0C-0006NL Datasheet
1Mb / 12P
   Surface Mount 1x1
More results

Mô tả tương tự - J0C-0006NLT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pulse A Technitrol Comp...
J3026G01DNLT PULSE-J3026G01DNLT Datasheet
1Mb / 13P
   PulseJack??Surface Mount 1x1
J3011G21DNLT PULSE-J3011G21DNLT Datasheet
1Mb / 12P
   PulseJack??Surface Mount 1x1
JXR0-0011NL PULSE-JXR0-0011NL Datasheet
742Kb / 5P
   PulseJack 1X1 Tab-Down RJ45
JXR1-0015NL PULSE-JXR1-0015NL Datasheet
897Kb / 5P
   PulseJack??1X1 Tab-Up RJ45
J409 PULSE-J409_15 Datasheet
1Mb / 12P
   Surface Mount 1x1
J0C-0003 PULSE-J0C-0003 Datasheet
544Kb / 12P
   Surface Mount 1x1
JXT4-1128HL PULSE-JXT4-1128HL Datasheet
805Kb / 4P
   PulseJack™ 1X1 Tab-Down, Low profile Industrial ICM for PCI Express
J502.A 4/22
J405 PULSE-J405 Datasheet
1Mb / 6P
   PulseJack 2xN GIGABIT
J410 PULSE-J410 Datasheet
949Kb / 6P
   PulseJack 1xN Tab-Up
JK0-0133NL PULSE-JK0-0133NL Datasheet
258Kb / 5P
   PULSEJACK Single-Port Gigabit PoE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com