công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC-7846_2015 bảng dữ liệu(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

tên linh kiện MC-7846_2015
Giải thích chi tiết về linh kiện  870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Trang chủ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7846_2015 bảng dữ liệu(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7846_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7846_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7846_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7846_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7846_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7846_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet PG10139EJ01V0DS
4
MC-7846
NOTE ON CORRECT USE
(1)
The space between PC board and root of the lead should be kept more than 1 mm to prevent undesired
stress to the lead and also should be kept less than 4 mm to prevent undesired parasitic inductance.
Recommended that space is 2.0 to 3.0 mm typical.
(2)
Recommended torque strength of the screw is 59 to 78 Ncm.
(3)
Form the ground pattern as wide as possible to minimize ground impedance.
(to prevent undesired oscillation)
All the ground pins must be connected together with wide ground pattern to decrease impedance difference.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions. Other soldering methods and
conditions than the recommended conditions are to be consulted with our sales representatives.
Soldering Method
Soldering Conditions
Condition Symbol
Pin Part Heating
Pin area temperature : less than 350
°C Note
Hour : Within 3 sec./pin
Note The point of pin part heating must be kept more than 1.2 mm distance from the root of lead.


Số phần tương tự - MC-7846_2015

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
California Eastern Labs
MC-7846-AZ CEL-MC-7846-AZ Datasheet
298Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7846-AZ RENESAS-MC-7846-AZ Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
More results

Mô tả tương tự - MC-7846_2015

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
California Eastern Labs
MC-7846 CEL-MC-7846 Datasheet
298Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7883 CEL-MC-7883 Datasheet
290Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7881_2015 JMNIC-MC-7881_2015 Datasheet
39Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7882_2015 JMNIC-MC-7882_2015 Datasheet
39Kb / 6P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7845 CEL-MC-7845_06 Datasheet
298Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com