công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM555 bảng dữ liệu(PDF) 10 Page - Fairchild Semiconductor

tên linh kiện LM555
Giải thích chi tiết về linh kiện  Single Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM555 bảng dữ liệu(HTML) 10 Page - Fairchild Semiconductor

Back Button LM555 Datasheet HTML 5Page - Fairchild Semiconductor LM555 Datasheet HTML 6Page - Fairchild Semiconductor LM555 Datasheet HTML 7Page - Fairchild Semiconductor LM555 Datasheet HTML 8Page - Fairchild Semiconductor LM555 Datasheet HTML 9Page - Fairchild Semiconductor LM555 Datasheet HTML 10Page - Fairchild Semiconductor LM555 Datasheet HTML 11Page - Fairchild Semiconductor LM555 Datasheet HTML 12Page - Fairchild Semiconductor LM555 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM555 Rev. 1.1.0
10
In Figure 14, current source is created by PNP transistor Q1 and resistor R1, R2, and RE.
For example, if VCC = 15 V, RE = 20 kΩ, R1 = 5 kΩ, R2 = 10 kΩ, and VBE = 0.7 V,
VE=0.7 V+10 V=10.7 V, and
IC=(15-10.7) / 20 k=0.215 mA.
When the trigger starts in a timer configured as shown in Figure 14, the current flowing through capacitor C1 becomes
a constant current generated by PNP transistor and resistors.
Hence, the VC is a linear ramp function as shown in Figure 15. The gradient S of the linear ramp function is defined as
follows:
Here the Vp-p is the peak-to-peak voltage.
If the electric charge amount accumulated in the capacitor is divided by the capacitance, the VC comes out as follows:
V = Q/C
(15)
The above equation divided on both sides by t gives:
and may be simplified into the following equation:
S = I/C
(17)
In other words, the gradient of the linear ramp function appearing across the capacitor can be obtained by using the
constant current flowing through the capacitor.
If the constant current flow through the capacitor is 0.215 mA and the capacitance is 0.02
μF, the gradient of the ramp
function at both ends of the capacitor is S = 0.215 m / 0.022
μ = 9.77 V/ms.
I
C
V
CC
V
E
R
E
---------------------------
=12
()
Here, V
E is
V
E
V
BE
R
2
R
1
R
2
+
----------------------V
CC
+
=13
()
S
V
pp
t
----------------
=14
()
V
t
----
Q
t
§
C
-------------
=16
()


Số phần tương tự - LM555

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Fairchild Semiconductor
LM555 FAIRCHILD-LM555 Datasheet
150Kb / 14P
   Single Timer
logo
Harris Corporation
LM555 HARRIS-LM555 Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
[Old version datasheet]   Timer
logo
ON Semiconductor
LM555 ONSEMI-LM555 Datasheet
473Kb / 15P
   Single Timer
January 2013 Rev. 1.1.0
More results

Mô tả tương tự - LM555

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com