công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA044 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện TA044
Giải thích chi tiết về linh kiện  70 MHz High-Voltage Differential Probe Users Manual
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

TA044 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  TA044 Datasheet HTML 1Page - List of Unclassifed Manufacturers TA044 Datasheet HTML 2Page - List of Unclassifed Manufacturers TA044 Datasheet HTML 3Page - List of Unclassifed Manufacturers TA044 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
© Copyright Pico Technology 2008
DO139-1
2. General safety summary
Please review the following safety precautions to avoid injury and prevent damage
to this probe or any products that are connected to it.
Observe maximum working voltage
To avoid any injury, do not use the probe above 2500 V rms CAT I between each
input lead and earth or above 5000 V rms CAT I between the two input leads.
Must be grounded
This probe is grounded with the shell of the BNC connector and an auxiliary
grounding terminal.
WARNING
Before making connections to the input leads of this
probe, ensure that its output lead is grounded.
You
may do this either by connecting the BNC shell to a
grounded
measurement
instrument,
or
by
connecting the auxiliary grounding terminal to a
reliable ground point.
Read the next paragraph for
further advice.
You must verify that the probe is securely grounded before connecting the probe
input leads.
Some types of measuring instrument, such as a USB oscilloscope
connected to a laptop, are unlikely to be grounded even if the laptop is powered
from the mains.
Bench-top oscilloscopes are usually grounded, but in some cases
may have been isolated from ground.
A USB oscilloscope connected to a desktop
computer is usually grounded.
In any case, do not assume that the measurement
instrument is grounded.
Always verify the ground connection for yourself
before connecting the probe input leads.
Use fused test prods if necessary
If this probe is intended to use for measurements in circuits of INSTALLATION
CATEGORY III, it should incorporate with fused test prods.
Do not operate without covers
To avoid electric shock or fire hazard, do not operate this probe with the covers
removed.
Do not operate in wet or damp conditions
To avoid electric shock, do not operate this probe in wet or damp conditions.
Do not operate in explosive atmosphere
To avoid injury or fire hazard, do not operate this probe in an explosive atmosphere.
Avoid exposed circuitry
To avoid injury, remove jewelry such as rings, watches and other metallic objects.
Do not touch exposed connections and components when power is present.
DO139-1
© Copyright Pico Technology 2008
7
8. Derating curve
The derating curve for absolute maximum input voltage is as follows:
9. Overrange indicator
The overrange indicator lights up red if the voltage of the input signal exceeds the
linear operating range of the probe.
When this happens, the signal on the probe
output may not accurately represent the signal on the probe input.
10. Test procedure
a.
Connect the BNC output connector to the vertical input of a general-purpose
oscilloscope.
b.
Install four AA cells or connect an appropriate mains adaptor to this probe.
c.
Set the oscilloscope input coupling to DC and 1 V/div.
Center the trace on the
display.
d.
Connect the sprung hooks of the probe to power lines.
e.
Set the range of the probe to 1/100.
f.
A 50 Hz / 60 Hz sine-wave of proper amplitude will be displayed on the screen
of the oscilloscope.
This means the probe is working properly.
11. Cleaning
Use a soft cloth to clean the probe, taking care not to cause damage.
a.
Do not immerse the probe.
b.
Do not use abrasive cleaners.
c.
Do not use chemicals contains benzene or similar solvents.
20
200
2500
2500
10
100
1000
10000
1.0E+05
1.0E+06
1.0E+07
1.0E+08
Frequenc y (Hz)


Số phần tương tự - TA044

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pico Technology Ltd.
TA044 PICO-TA044 Datasheet
5Mb / 21P
   Crystal-clear waveform analysis
logo
Transcom, Inc.
TA044-050-40-43 TRANSCOM-TA044-050-40-43 Datasheet
89Kb / 2P
   4.4 ~ 5.0GHz 20W High PowerAmplifier
logo
Transko Electronics, In...
TA04405AF TRANSKO-TA04405AF Datasheet
580Kb / 4P
   44.0 MHz IF SAW Filter / 5.40 MHz Bandwidth
Revision 0: 16 January 2008
TA04405BF TRANSKO-TA04405BF Datasheet
639Kb / 4P
   44.0 MHz IF SAW Filter / 5.60 MHz Bandwidth
Revision 0: 17 March 2008
TA04406AF TRANSKO-TA04406AF Datasheet
474Kb / 4P
   44.0 MHz IF SAW Filter / 6.49 MHz Bandwidth
Revision 0: 16 OCT. 2009
More results

Mô tả tương tự - TA044

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TA058 ETC2-TA058 Datasheet
452Kb / 4P
   50 MHz 700 V Differential Probe Users Manual
TA042 ETC2-TA042 Datasheet
404Kb / 4P
   100 MHz x100/x1000 Differential Probe Users Manual
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
logo
Motorola, Inc
MC68020 MOTOROLA-MC68020 Datasheet
1Mb / 306P
   MICROPROCESSORS USERS MANUAL
logo
Freescale Semiconductor...
FRDM-KL25Z FREESCALE-FRDM-KL25Z Datasheet
1Mb / 14P
   FRDM-KL25Z Users Manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com