công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S-1010AW bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện S-1010AW
Giải thích chi tiết về linh kiện  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

S-1010AW bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  S-1010AW Datasheet HTML 1Page - List of Unclassifed Manufacturers S-1010AW Datasheet HTML 2Page - List of Unclassifed Manufacturers S-1010AW Datasheet HTML 3Page - List of Unclassifed Manufacturers S-1010AW Datasheet HTML 4Page - List of Unclassifed Manufacturers S-1010AW Datasheet HTML 5Page - List of Unclassifed Manufacturers S-1010AW Datasheet HTML 6Page - List of Unclassifed Manufacturers S-1010AW Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAR(ポリアリレート Polyarylate
※S-12 □□ A/22 □□ A のみ
S-12 □□ A/22 □□ A only
■特 長 FEATURES
O RoHS 指令対応
O“O”リング採用により、ゴミ、ホコリの侵入防止、並びにはん
だ付け後の洗浄が可能です
O 一般の DIP スイッチとピンコンパチブルのために置換えが出来
ます
O 半透明平ノブ付き(S-1200A/2200A シリーズ)
・半透明ノブによりポジショニングし易い
・指先、ドライバによる設定が可能
O RoHS compliant
O Protection against dust and whole cleaning after
soldering is possible
O Pin compatible with conventional DIP switches
O Translucent knob with flange type (S-1200A/2200A
series)
• Distinguished visibility with translucent flange
• Settable with fingers or screwdriver
名 称
Part name
インサートロータ
Insert rotor
平ノブ
Translucent
knob with flange
ベース
Base
ハウジング
Housing
接点
Contact
“O”リング
“O” ring
端子
Terminal pin
材 料
Material
燃焼性
Flammability
UL94HB
UL94HB
UL94V-2
PBT
(ポリブチレンテレフタレート)
Polybutyleneterephthalate
シリコンゴム Silicone rubber
PBT
(ポリブチレンテレフタレート)
Polybutyleneterephthalate
銅合金、金めっき
Copper alloy, Gold-plated
ロータ:POM(ポリオキシメチレン)
Rotor : Polyoxymethylene
パターン:銅合金、金めっき
Pattern : Copper alloy, Gold-plated
■型式表示 PART NUMBER DESIGNATION
内部構造図
INTERNAL STRUCTURE
S-1000A / 2000A series
S - 1 0 1 0 A W
ポジション数 No. of positions
ロータ形状 Shape of rotor
0:つまみ無し Without knob
1:つまみ付き With knob (with extended shaft)
2:平ノブ付き
(黒ハウジング)
Translucent knob with flange (Black housing)
包装形態 Form of packaging
コード Code format
W:トレイ Tray packaging
空欄 Blank:ポリ袋 Bulk in plastic bag
設定方向 Setting position
0:上部設定型 Top setting
1:側部設定型 Side setting
1:リアルコード
Real code
3:コンプリメンタリコード
Complementary code
ご注文に際しては、型式一覧表をご確認ください。
Please refer to the LIST OF PART NUMBERS when placing orders.
116 ポジション 16 positions
210 ポジション 10 positions
10 mmでDIPピンコンパチブル。半透明平ノブ付きも登場!
DIP型ロータリコードスイッチ
S-1000A/2000A
ROTARY CODED SWITCHES
RoHS 指令対応 RoHS compliant

ディップスイッチ
照光式スイッチ
押ボタンスイッチ
レバー・ロッカー
スイッチ
トグルスイッチ
スライドスイッチ
ロータリー
スイッチ
キースイッチ
トリガースイッチ
フラットスイッチ


Số phần tương tự - S-1010AW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1011A50-M6T1U4 ABLIC-S-1011A50-M6T1U4 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1011A60-M6T1U4 ABLIC-S-1011A60-M6T1U4 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1011A70-M6T1U4 ABLIC-S-1011A70-M6T1U4 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1011A80-M6T1U4 ABLIC-S-1011A80-M6T1U4 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
More results

Mô tả tương tự - S-1010AW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com