công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1302DL bảng dữ liệu(PDF) 6 Page - Vishay Siliconix

tên linh kiện SI1302DL
Giải thích chi tiết về linh kiện  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1302DL bảng dữ liệu(HTML) 6 Page - Vishay Siliconix

  SI1302DL Datasheet HTML 1Page - Vishay Siliconix SI1302DL Datasheet HTML 2Page - Vishay Siliconix SI1302DL Datasheet HTML 3Page - Vishay Siliconix SI1302DL Datasheet HTML 4Page - Vishay Siliconix SI1302DL Datasheet HTML 5Page - Vishay Siliconix SI1302DL Datasheet HTML 6Page - Vishay Siliconix SI1302DL Datasheet HTML 7Page - Vishay Siliconix SI1302DL Datasheet HTML 8Page - Vishay Siliconix SI1302DL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AN813
Vishay Siliconix
Document Number: 71236
12-Dec-03
www.vishay.com
1
Single-Channel LITTLE FOOTR SC-70 3-Pin and 6-Pin MOSFET
Recommended Pad Pattern and Thermal Peformance
INTRODUCTION
BASIC PAD PATTERNS
This technical note discusses pin-outs, package outlines, pad
patterns, evaluation board layout, and thermal performance
for single-channel LITTLE FOOT power MOSFETs in the
SC-70 package. These new Vishay Siliconix devices are
intended for small-signal applications where a miniaturized
package is needed and low levels of current (around 350 mA)
need to be switched, either directly or by using a level shift
configuration. Vishay provides these single devices with a
range of on-resistance specifications and in both traditional
3-pin and new 6-pin versions. The new 6-pin SC-70 package
enables improved on-resistance values and enhanced
thermal performance compared to the 3-pin package.
PIN-OUT
Figure 1 shows the pin-out description and Pin 1 identification
for the single-channel SC-70 device in both 3-pin and 6-pin
configurations. The pin-out of the 6-pin device allows the use
of four pins as drain leads, which helps to reduce on-resistance
and junction-to-ambient thermal resistance.
SOT-323
SC-70 (3-LEADS)
1
2
3
Top View
G
S
D
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
FIGURE 1.
For package dimensions see outline drawings:
SC-70 (3-Leads) (http://www.vishay.com/doc?71153)
SC-70 (6-Leads) (http://www.vishay.com/doc?71154)
See Application Note 826, Recommended Minimum Pad
Patterns With Outline Drawing Access for Vishay Siliconix
MOSFETs, (http://www.vishay.com/doc?72286) for the basic
pad layout and dimensions for the 3-pin SC-70 and the 6-pin
SC-70. These pad patterns are sufficient for the low-power
applications for which this package is intended. Increasing the
pad pattern has little effect on thermal resistance for the 3-pin
device, reducing it by only 10% to 15%. But for the 6-pin
device, increasing the pad patterns yields a reduction in
thermal resistance on the order of 35% when using a 1-inch
square with full copper on both sides of the printed circuit board
(PCB). The availability of four drain leads rather than the
traditional single drain lead allows a better thermal path from
the package to the PCB and external environment.
EVALUATION BOARDS FOR THE SINGLE
SC70-3 AND SC70-6
Figure 2 shows the 3-pin and 6-pin SC-70 evaluation boards
(EVB). Both measure 0.6 inches by 0.5 inches. Their copper
pad traces are the same as described in the previous section,
Basic Pad Patterns. Both boards allow interrogation from the
outer pins to 6-pin DIP connections, permitting test sockets to
be used in evaluation testing.
The thermal performance of the single SC-70 has been
measured on the EVB for both the 3-pin and 6-pin devices, the
results shown in Figures 3 and 4. The minimum recommended
footprint on the evaluation board was compared with the
industry standard of 1-inch square FR4 PCB with copper on
both sides of the board.
FIGURE 2.
Front of Board SC70-3
Front of Board SC70-6
Back of Board, SC70-3 and SC70-6
ChipFETr
ChipFETr
vishay.com


Số phần tương tự - SI1302DL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1302DL VISHAY-SI1302DL Datasheet
39Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 23-Oct-00
SI1302DL VISHAY-SI1302DL Datasheet
68Kb / 5P
   N-Channel 30-V (D-S) MOSFET
S-02367-Rev. C, 23-Oct-00
SI1302DL VISHAY-SI1302DL Datasheet
214Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 20-Sep-10
logo
Vishay Telefunken
SI1302DL TFUNK-SI1302DL Datasheet
218Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI1302DL VISHAY-SI1302DL Datasheet
220Kb / 9P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Mô tả tương tự - SI1302DL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com