công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S-1111A bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện S-1111A
Giải thích chi tiết về linh kiện  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

S-1111A bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  S-1111A Datasheet HTML 1Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 2Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 3Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 4Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 5Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 6Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
S-1000A/2000A
ROTARY CODED SWITCHES
LIST OF PART NUMBERS
Shape
Form of packging
Binary coded decimal
Binary coded hexadecimal
Real code
Complementary code
Real code
Complementary code
Top
setting
Side
setting
S-2010AW
S-2030AW
S-1010AW
S-1030AW
S-2010A
S-2030A
S-1010A
S-1030A
S-2110AW
S-2130AW
S-1110AW
S-1130AW
S-2110A
S-2130A
S-1110A
S-1130A
S-2210AW
S-2230AW
S-1210AW
S-1230AW
S-2210A
S-2230A
S-1210A
S-1230A
S-2011AW
S-2031AW
S-1011AW
S-1031AW
S-2011A
S-2031A
S-1011A
S-1031A
S-2111AW
S-2131AW
S-1111AW
S-1131AW
S-2111A
S-2131A
S-1111A
S-1131A
S-2211AW
S-2231AW
S-1211AW
S-1231AW
S-2211A
S-2231A
S-1211A
S-1231A
Pieces in
package
50 pcs./tray
25 pcs./pack
50 pcs./tray
25 pcs./pack
50 pcs./tray
25 pcs./pack
50 pcs./tray
25 pcs./pack
50 pcs./tray
25 pcs./pack
50 pcs./tray
25 pcs./pack
※ Verify the above part numbers when placing orders.
Tray version can be supplied only in tray units.
Without knob
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
Tray packaging
Plastic bag
With knob
Translucent knob
with flange
With knob
Translucent knob
with flange
Without knob
TERMINAL CONNECTION / P.C.B. THROUGH HOLE DIMENSIONS
(Unit: mm)
Terminal pin layout
(Bottom view)
P.C.B. dimensions
(Bottom view)
Top setting
Side setting
2.54
±0.1
5 –
0.8 hole
S – 1000A/2000A case
2.54
±0.1
S – 1000A/2000A case
Operating face
φ
5 –
0.8 hole
φ
8 4 2 1
C
Real code
8 4 21
Complementary code
842 1
842 1
C
CC
Operating face
of real code
Operating face of
complementary code
CODE FORMAT
No. of positions
S-1000A series (16 positions)
S-2000A series (10 positions)
Position
0
123456789
A
B
C
D
EF
●●●
●●●●●
●●●
●●●●
●●
●●
●●
●●
●●●
●●●
●●●●●
●●●
●●●●
●●●
●●
●●
●●
●●●
●●●
●●
Code
Real code
8
4
2
1
8
4
2
1
Complemen-
tary code
● …Contact closed


Số phần tương tự - S-1111A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
S-1111AW ETC2-S-1111AW Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results

Mô tả tương tự - S-1111A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com