công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC10 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện DAC10
Giải thích chi tiết về linh kiện  10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

DAC10 bảng dữ liệu(HTML) 2 Page - Analog Devices

  DAC10 Datasheet HTML 1Page - Analog Devices DAC10 Datasheet HTML 2Page - Analog Devices DAC10 Datasheet HTML 3Page - Analog Devices DAC10 Datasheet HTML 4Page - Analog Devices DAC10 Datasheet HTML 5Page - Analog Devices DAC10 Datasheet HTML 6Page - Analog Devices DAC10 Datasheet HTML 7Page - Analog Devices DAC10 Datasheet HTML 8Page - Analog Devices DAC10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
REV. D
DAC10–SPECIFICATIONS
–2–
ELECTRICAL CHARACTERISTICS
DAC10F
DAC10G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
MONOTONICITY
10
10
Bits
NONLINEARITY
NL
0.3
0.5
0.6
1
LSB
DIFFERENTIAL
NONLINEARITY
DNL
0.3
1
0.7
LSB
SETTLING TIME
tS
All Bits Switched ON or OFF
Settle to 0.05% of FS (See Note)
85
135
85
150
ns
OUTPUT CAPACITANCE
CO
18
18
pF
PROPAGATION DELAY
tPLH
All Bits Switched
RL = 5 kΩ
50
50
ns
tPHL
RL = 0 kΩ
50
50
ns
OUTPUT VOLTAGE
Full-Scale Current Change
–5.5
–5.5
V
COMPLIANCE
VOC
<1 LSB
+10
+10
V
GAIN TEMPCO
TCIFS
(See Note)
±10
±25
±10
±50
ppm/
°C
FULL-SCALE SYMMETRY
IFSS
IFR–IFR
0.1
4
0.1
4
µA
ZERO-SCALE CURRENT
IZS
0.01
0.5
0.01
0.5
µA
FULL-SCALE CURRENT
IFR
(See Note)
3.960
3.996
4.032
3.920
3.996
4.072
mA
REFERENCE INPUT
SLEW RATE
DI/dt
6
6
mA/
µs
REFERENCE BIAS
CURRENT
IB
–1
–3
–1
–3
µA
POWER SUPPLY
PPS/FS+
4.5 V
≤ V+ ≤ –18 V
0.001
0.01
0.001
0.01
%
∆I
FS/%∆V
SENSITIVITY
PPS/FS
–18 V
≤ V– ≤ –10 V
0.0012 0.01
0.0012 0.01
%
∆I
FS/%∆V
POWER SUPPLY CURRENT I+
VS = ± 15 V; IREF = 2 mA
2.3
4
2.3
4
mA
I–
–9
–15
–9
–15
mA
I+
VS = +5 V; –7.5 V; IREF = 1 mA
1.8
4
1.8
4
mA
I–
–5.9
–9
–5.9
–9
mA
POWER DISSIPATION
PD
VS = ± 15 V; IREF = 2 mA
231
285
231
285
mW
PD
VS = +5 V; –7.5 V; IREF = 1 mA
85
88
85
88
mW
LOGIC INPUT LEVELS
VIL
VLC = 0
0.8
0.8
V
VIH
VLC = 0
2
2
V
LOGIC INPUT CURRENTS
IIL
VLC = 0; VIN = 0.8 V
–10
–5
–10
–5
µA
IIH
VIN = 2.0 V
0.001
10
0.001
10
µA
ELECTRICAL CHARACTERISTICS
DAC10F
DAC10G
Parameter
Symbol Conditions
Min
Typ
Max
Min
Typ
Max
Units
MONOTONICITY
10
10
Bits
NONLINEARITY
NL
0.3
0.5
0.6
1
LSB
DIFFERENTIAL
NONLINEARITY
DNL
0.3
1
0.7
LSB
OUTPUT VOLTAGE
COMPLIANCE
VOC
Full-Scale Current Change, <1 LSB
–5
–6/+18 +10
–5
–6/+15 +10
V
FULL-SCALE CURRENT
IFS
VREF = 10.000 V,
R14 = R15 = 5.000 k
3.978
3.996
4.014
3.956
3.996
4.036
mA
FULL-SCALE SYMMETRY
IFSS
IFR–IFR
0.1
4
0.1
0.4
µA
ZERO-SCALE CURRENT
IZS
0.01
0.5
0.01
0.5
µA
NOTE: Guaranteed by design.
(@ VS =
15 V; IREF = 2 mA; 0 C
≤ T
A
≤ +70 C for DAC10F and G, unless otherwise noted.
Output characteristics apply to both IOUT and IOUT.)
(@ VS =
15 V; IREF = 2 mA; TA = +25 C, unless otherwise noted. Output characteristics
apply to both IOUT and IOUT.)


Số phần tương tự - DAC10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
DAC10 AD-DAC10 Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
logo
ETA-USA
DAC10 ETA-USA-DAC10 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC10-05 ETA-USA-DAC10-05 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC10-05 ETA-USA-DAC10-05 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC10-12 ETA-USA-DAC10-12 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
More results

Mô tả tương tự - DAC10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
DAC10 AD-DAC10 Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08CP AD-DAC08CP Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08Q-883C AD-DAC08Q-883C Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com