công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC123BQ bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện 74HC123BQ
Giải thích chi tiết về linh kiện  Dual retriggerable monostable multivibrator with reset
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC123BQ bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  74HC123BQ Datasheet HTML 1Page - NXP Semiconductors 74HC123BQ Datasheet HTML 2Page - NXP Semiconductors 74HC123BQ Datasheet HTML 3Page - NXP Semiconductors 74HC123BQ Datasheet HTML 4Page - NXP Semiconductors 74HC123BQ Datasheet HTML 5Page - NXP Semiconductors 74HC123BQ Datasheet HTML 6Page - NXP Semiconductors 74HC123BQ Datasheet HTML 7Page - NXP Semiconductors 74HC123BQ Datasheet HTML 8Page - NXP Semiconductors 74HC123BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
74HC_HCT123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 16 December 2011
4 of 25
NXP Semiconductors
74HC123; 74HCT123
Dual retriggerable monostable multivibrator with reset
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
supply pin or input.
Fig 5.
Pin configuration for DIP16, SO16, SSOP16
and TSSOP16
Fig 6.
Pin configuration for DHVQFN16
74HC123
74HCT123
1A
VCC
1B
1REXT/CEXT
1RD
1CEXT
1Q
1Q
2Q
2Q
2CEXT
2RD
2REXT/CEXT
2B
GND
2A
001aaa698
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aaf046
74HC123
2REXT/CEXT
2B
2CEXT
2RD
2Q
2Q
1Q
1Q
1RD
1CEXT
1B
1REXT/CEXT
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
VCC(1)
Table 2.
Pin description
Symbol
Pin
Description
1A
1
negative-edge triggered input 1
1B
2
positive-edge triggered input 1
1RD
3
direct reset LOW and positive-edge triggered input 1
1Q
4
active LOW output 1
2Q
5
active HIGH output 2
2CEXT
6
external capacitor connection 2
2REXT/CEXT
7
external resistor and capacitor connection 2
GND
8
ground (0 V)
2A
9
negative-edge triggered input 2
2B
10
positive-edge triggered input 2
2RD
11
direct reset LOW and positive-edge triggered input 2
2Q
12
active LOW output 2
1Q
13
active HIGH output 1
1CEXT
14
external capacitor connection 1
1REXT/CEXT
15
external resistor and capacitor connection 1
VCC
16
supply voltage


Số phần tương tự - 74HC123BQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74HC123BQ NXP-74HC123BQ Datasheet
155Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
logo
Nexperia B.V. All right...
74HC123BQ NEXPERIA-74HC123BQ Datasheet
322Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
74HC123BQ-Q100 NEXPERIA-74HC123BQ-Q100 Datasheet
846Kb / 23P
   Dual retriggerable monostable multivibrator with reset
74HC123BQ-Q100 NEXPERIA-74HC123BQ-Q100 Datasheet
315Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 3.1 - 3 September 2020
More results

Mô tả tương tự - 74HC123BQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com