công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HLMP-4700G0B02 bảng dữ liệu(PDF) 5 Page - Agilent(Hewlett-Packard)

tên linh kiện HLMP-4700G0B02
Giải thích chi tiết về linh kiện  T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-4700G0B02 bảng dữ liệu(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-4700G0B02 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-4700G0B02 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-4700G0B02 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-4700G0B02 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-4700G0B02 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-4700G0B02 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-4700G0B02 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-4700G0B02 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-4700G0B02 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Absolute Maximum Ratings
Parameter
Maximum Rating
Units
Power Dissipation
Red
24
mW
(Derate linearly from 92
°C at 1.0 mA/°C)
Yellow
36
Green
24
DC and Peak Forward Current
7
mA
Transient Forward Current (10
µs Pulse)[1]
500
mA
Reverse Voltage (IR = 50 µA)
5.0
V
Operating Temperature Range
Red/Yellow
-55
°C to 100°C
Green
-20
°C to 100°C
Storage Temperature Range
-55
°C to +100°C
Lead Soldering Temperature
260
°C for 5 seconds
[1.6 mm (0.063 in.) from body]
Note:
1. The transient peak current is the maximum non-recurring peak current the devices can withstand without damaging the LED die and
wire bonds. It is not recommended that the device be operated at peak currents beyond the Absolute Maximum Peak Forward Current.
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs. Forward Current.
Figure 1. Relative Intensity vs. Wavelength.
0
0
VOLTAGE – V
1.5
6
0.5
1.0
2.5
2
4
8
10
2.0
RED
YELLOW
GREEN


Số phần tương tự - HLMP-4700G0B02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
QT Optoelectronics
HLMP-4700 QT-HLMP-4700 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-4700 FAIRCHILD-HLMP-4700 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-4700 AVAGO-HLMP-4700 Datasheet
294Kb / 10P
   Telecommunications indicators
HLMP-4700 AVAGO-HLMP-4700 Datasheet
294Kb / 10P
   Telecommunications indicators
More results

Mô tả tương tự - HLMP-4700G0B02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com