công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HLMP-1321-JK000 bảng dữ liệu(PDF) 2 Page - Agilent(Hewlett-Packard)

tên linh kiện HLMP-1321-JK000
Giải thích chi tiết về linh kiện  T-1 (3 mm) High Intensity LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1321-JK000 bảng dữ liệu(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-1321-JK000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1321-JK000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1321-JK000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1321-JK000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1321-JK000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1321-JK000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1321-JK000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1321-JK000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings at TA = 25°C
Parameter
Red
Yellow
Green
Units
Peak Forward Current
90
60
90
mA
Average Forward Current[1]
25
20
25
mA
DC Current[2]
30
20
30
mA
Power Dissipation[3]
135
85
135
mW
Reverse Voltage (IR = 100 µA)
5
5
5
V
Transient Forward Current[4]
500
500
500
mA
(10
µsec Pulse)
LED Junction Temperature
110
110
110
°C
Operating Temperature Range
-55 to +100
-55 to +100
-20 to +100
°C
Storage Temperature Range
-55 to +100
Lead Soldering Temperature
260
°C for 5 seconds
[1.6 mm (0.063 in.) from body]
Notes:
1. See Figure 5 (Red), 10 (Yellow), or 15 (Green) to establish pulsed operating conditions.
2. For Red and Green series derate linearly from 50
°C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at 0.2 mA/°C.
3. For Red and Green series derate power linearly from 25
°C at 1.8 mW/°C. For Yellow series derate power linearly from 50°C at
1.6 mW/
°C.
4. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED
die and wirebond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the
Absolute Maximum Ratings.
Part Numbering System
HLMP - 1 x xx - x x x xx
Mechanical Option
00: Bulk
01: Tape & Reel, Crimped Leads
02: Tape & Reel, Straight Leads
A1: Right Angle Housing, Uneven Leads
A2: Right Angle Housing, Even Leads
Color Bin Options
0: Full Color Bin Distribution
Maximum Iv Bin Options
0: Open (no max. limit)
Others: Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Lens Options
20: Untinted or Microtinted, Non-diffused
21: Tinted, Non-diffused
Color Options
3: GaP HER
4: GaP Yellow
5: GaP Green
Package Options
1: T-1 (3 mm)


Số phần tương tự - HLMP-1321-JK000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321-G00 AVAGO-HLMP-1321-G00 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
More results

Mô tả tương tự - HLMP-1321-JK000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com