công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HLMP-3350 bảng dữ liệu(PDF) 6 Page - Agilent(Hewlett-Packard)

tên linh kiện HLMP-3350
Giải thích chi tiết về linh kiện  T-13/4 (5 mm) Low Profile LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3350 bảng dữ liệu(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMP-3350 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3350 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1-106
Electrical Specifications at TA = 25°C
Device
Test
Symbol
Description
HLMP-
Min.
Typ.
Max.
Units
Conditions
IV
Axial Luminous Intensity
3553
1.6
3.2
mcd
IF = 10 mA
3554
6.7
10.0
(Figure 18)
3567
4.2
7.0
3568
10.6
15.0
2
θ
1/2
Including Angle Between Half
3553
50
Deg.
Note 1 (Figure 21)
Luminous Intensity Points
3554
50
3567
40
3568
40
λ
PEAK
Peak Wavelength
565
nm
Measurement at
Peak (Figure 1)
λ
d
Dominant Wavelength
569
nm
Note 2
∆λ
1/2
Spectral Line Halfwidth
28
nm
τ
s
Speed of Response
500
ns
C
Capacitance
18
pF
VF = 0; f = 1 MHz
R
θ
J-PIN
Thermal Resistance
260
°C/W
Junction to
Cathode Lead
VF
Forward Voltage
2.1
2.7
V
IF = 10 mA
(Figure 17)
VR
Reverse Breakdown Voltage
5.0
V
IR = 100 µA
η
V
Luminous Efficacy
595
lm/W
Note 3
Green HLMP-355X/-356X Series
Notes:
1.
θ
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. Dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color
of the device.
3. Radiant Intensity, Ie, in watts/steradian may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and
η
v is the luminous efficacy in lumens/watt.
Figure 17. Forward Current vs.
Forward Voltage.
Figure 19. Relative Efficiency
(Luminous Intensity per Unit
Current) vs. Peak Current.
Figure 18. Relative Luminous
Intensity vs. Forward Current.


Số phần tương tự - HLMP-3350

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3350-L0000 AVAGO-HLMP-3350-L0000 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3350-L0001 AVAGO-HLMP-3350-L0001 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3350-L0002 AVAGO-HLMP-3350-L0002 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3350-L00A1 AVAGO-HLMP-3350-L00A1 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3350-L00A2 AVAGO-HLMP-3350-L00A2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results

Mô tả tương tự - HLMP-3350

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3351 AVAGO-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com