công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5711 bảng dữ liệu(PDF) 4 Page - Agilent(Hewlett-Packard)

tên linh kiện 1N5711
Giải thích chi tiết về linh kiện  Schottky Barrier Diodes for General Purpose Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

1N5711 bảng dữ liệu(HTML) 4 Page - Agilent(Hewlett-Packard)

  1N5711 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 1N5711 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 1N5711 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 1N5711 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 1N5711 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 1N5711 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Typical Parameters
VF – FORWARD VOLTAGE (V)
Figure 1. I-V Curve Showing Typical
Temperature Variation for 5082-2300
Series and 5082-2900 Schottky Diodes.
100
10
1
0.1
0.01
0
0.10
0.20
0.30
0.40
0.50
0.60
100
°C
50
°C
25
°C
0
°C
–50
°C
VBR (V)
Figure 2. 5082-2300 Series Typical
Reverse Current vs. Reverse Voltage
at Various Temperatures.
10.000
1,000
100
10
1
0
5
10
15
100
75
50
25
TA = 25°C
IF - FORWARD CURRENT (mA)
Figure 3. 5082-2300 Series and 5082-2900
Typical Dynamic Resistance (RD) vs.
Forward Current (IF).
1000
100
10
0.01
0
10
100
VR - REVERSE VOLTAGE (V)
Figure 4. 5082-2300 and 5082-2900
Typical Capacitance vs. Reverse
Voltage.
1.2
1.0
0.8
0.6
0.4
0.2
0
0
4
8
121620
5082-2900
5082-2303
VF - FORWARD VOLTAGE (V)
Figure 5. I-V Curve Showing Typical
Temperature Variation for 5082-2800
or 1N5711 Schottky Diodes.
50
10
5
1
0.5
0.1
0.05
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
–50
°C
0
°C
+25
°C
+100
°C
+150
°C
+50
°C
VR - REVERSE VOLTAGE (V)
Figure 6. (5082-2800 OR 1N5711)
Typical Variation of Reverse Current
(IR) vs. Reverse Voltage (VR) at
Various Temperatures.
100,000
10,000
1000
100
10
1
0
0.2
0.4
0.6
0.8
1.0
1.2
150
125
100
50
25
75
0
TA = °C
VR - REVERSE VOLTAGE (V)
Figure 7. (5082-2800 or 1N5711)
Typical Capacitance (CT) vs. Reverse
Voltage (VR).
12.0
1.5
1.0
0.5
0
010
20
30
40
50
VF - FORWARD VOLTAGE (V)
Figure 8. I-V Curve Showing Typical
Temperature Variation for the 5082-
2810 or 1N5712 Schottky Diode.
100
10
1.0
0.1
0.01
0
0.4
0.2
0.6
0.8
1.0
1.2
–50
°C
0
°C
+25
°C
+50
°C
+100
°C
+150
°C
VR - REVERSE VOLTAGE (V)
Figure 9. (5082-2810 or IN5712)
Typical Variation of Reverse Current
(IR) vs. Reverse Voltage (VR) at
Various Temperatures.
10,000
1000
100
10
1.0
010
515
20
25
30
150
125
100
75
50
25
TA = °C


Số phần tương tự - 1N5711

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
logo
EIC discrete Semiconduc...
1N5711 EIC-1N5711 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER DIODES
logo
AVAGO TECHNOLOGIES LIMI...
1N5711 AVAGO-1N5711 Datasheet
264Kb / 7P
   Pico Second Switching Speed
logo
Compensated Deuices Inc...
1N5711 CDI-DIODE-1N5711 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER DIODES
logo
Microsemi Corporation
1N5711 MICROSEMI-1N5711 Datasheet
67Kb / 3P
   SCHOTTKY BARRIER DIODES
More results

Mô tả tương tự - 1N5711

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
New Jersey Semi-Conduct...
1N5711 NJSEMI-1N5711 Datasheet
124Kb / 1P
   Schottky Barrier Diodes for General Purpose Applications
logo
Semtech Corporation
SD103A SEMTECH-SD103A Datasheet
194Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications?
SD101A SEMTECH-SD101A Datasheet
179Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications
LL103A SEMTECH-LL103A Datasheet
181Kb / 3P
   Silicon Schottky Barrier Diode for general purpose applications?
LL101A SEMTECH-LL101A Datasheet
170Kb / 3P
   Silicon Schottky Barrier Diode for general purpose applications
logo
Microsemi Corporation
GC9700 MICROSEMI-GC9700 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER DIODES General Purpose TM
logo
Micro Commercial Compon...
BAT42W MCC-BAT42W_13 Datasheet
244Kb / 3P
   200mW Schottky Diodes 30 Volts For General Purpose applications
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com