công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34161 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC34161
Giải thích chi tiết về linh kiện  Universal Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34161 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC34161 Datasheet HTML 1Page - ON Semiconductor MC34161 Datasheet HTML 2Page - ON Semiconductor MC34161 Datasheet HTML 3Page - ON Semiconductor MC34161 Datasheet HTML 4Page - ON Semiconductor MC34161 Datasheet HTML 5Page - ON Semiconductor MC34161 Datasheet HTML 6Page - ON Semiconductor MC34161 Datasheet HTML 7Page - ON Semiconductor MC34161 Datasheet HTML 8Page - ON Semiconductor MC34161 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MC34161, MC33161, NCV33161
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, for typical values TA = 25°C, for min/max values TA is the operating ambient
temperature range that applies [Notes 4 and 5], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
COMPARATOR INPUTS
Threshold Voltage, Vin Increasing (TA = 25°C)
(TA = Tmin to Tmax)
Vth
1.245
1.235
1.27
1.295
1.295
V
Threshold Voltage Variation (VCC = 2.0 V to 40 V)
DVth
7.0
15
mV
Threshold Hysteresis, Vin Decreasing
VH
15
25
35
mV
Threshold Difference |Vth1 − Vth2|
VD
1.0
15
mV
Reference to Threshold Difference (Vref − Vin1), (Vref − Vin2)
VRTD
1.20
1.27
1.32
V
Input Bias Current (Vin = 1.0 V)
(Vin = 1.5 V)
IIB
40
85
200
400
nA
MODE SELECT INPUT
Mode Select Threshold Voltage (Figure 6)
Channel 1
Channel 2
Vth(CH 1)
Vth(CH 2)
Vref+0.15
0.3
Vref+0.23
0.63
Vref+0.30
0.9
V
COMPARATOR OUTPUTS
Output Sink Saturation Voltage (ISink = 2.0 mA)
(ISink = 10 mA)
(ISink = 0.25 mA, VCC = 1.0 V)
VOL
0.05
0.22
0.02
0.3
0.6
0.2
V
Off−State Leakage Current (VOH = 40 V)
IOH
0
1.0
mA
REFERENCE OUTPUT
Output Voltage (IO = 0 mA, TA = 25°C)
Vref
2.48
2.54
2.60
V
Load Regulation (IO = 0 mA to 2.0 mA)
Regload
0.6
15
mV
Line Regulation (VCC = 4.0 V to 40 V)
Regline
5.0
15
mV
Total Output Variation over Line, Load, and Temperature
DVref
2.45
2.60
V
Short Circuit Current
ISC
8.5
30
mA
TOTAL DEVICE
Power Supply Current (VMode, Vin1, Vin2 = GND)
(VCC = 5.0 V)
(VCC = 40 V)
ICC
450
560
700
900
mA
Operating Voltage Range (Positive Sensing)
(Negative Sensing)
VCC
2.0
4.0
40
40
V
4. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
5. Tlow =0°C for MC34161
Thigh = +70°C for MC34161
−40°C for MC33161
+105°C for MC33161
−40°C for NCV33161
+125°C for NCV33161


Số phần tương tự - MC34161

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
MC34161 ONSEMI-MC34161 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
MC34161 ONSEMI-MC34161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
More results

Mô tả tương tự - MC34161

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
S1220PBID ONSEMI-S1220PBID Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_06 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com