công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMS221GGP bảng dữ liệu(PDF) 1 Page - C&K Components

tên linh kiện KMS221GGP
Giải thích chi tiết về linh kiện  Compact size
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMS221GGP bảng dữ liệu(HTML) 1 Page - C&K Components

  KMS221GGP Datasheet HTML 1Page - C&K Components KMS221GGP Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B–13
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
13 aug 12
Actuator
2
Standard
KMS Series
Microminiature SMT Side Actuated
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Typical Applications
Mobile phones
Medical handheld monitors
Consumer electronics
Telecommunication networks
Mechanical
OVERLOAD: 20N
TACTILE FEELING: 15% min. for the 2N version
25% min for the 2.5N version
Note: Specifications listed above are for switches with standard options. For information on
specific and custom switches, consult Customer Service Center.
Actuation Force
2 2 N (200 grams)
3 3 N (300 grams)
RoHS compliant and compatible
LFS
Lead free silver
LFG Lead free gold
K
M
S
2
G
Contact Material
1
Silver
3 Gold
Termination
G Gullwing
Packaging
Tape and reels in reels of 3,000 pieces.
External diameter 330mm ± 2mm.
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MAXIMUM CURRENT DC:
50 mA
10 mA
MINIMUM CURRENT DC:
1 mA
1 mA
DIELECTRIC STRENGTH: 250 VDC
CONTACT RESISTANCE:
≤100 mΩ
INSULATION RESISTANCE: 109
BOUNCE TIME:
≤ 3 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
Infared reflow soldering in accordance with IEC 61760-1
Pegs
NONE No pegs
P With pegs
Features/Benefits
Compact size
Excellent tactile feel
ESD protection
Positioning pegs for stability
RoHS compliant and compatible
Operating force
Operating life
Type
Newtons (grams)
(operations)
Travel
KMS221G/GP
2N (200) ± 0.5
100 K cycles
0,25 ± 0,15
KMS223G/GP
2N (200) ± 0.5
100 K cycles
0,25 ± 0,15
KMS231G/GP
3N (300) ± 0.6
100 K cycles
0,3 ± 0,15
KMS233G/GP
3N (300) ± 0.6
100 K cycles
0,3 ± 0,15
Specification
FUNCTION: Momentary
CONTACT ARRANGEMENT: SPST, N.O.
TERMINALS: Gullwing type for SMT
IP40 Sealed


Số phần tương tự - KMS221GGP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
KMS221GGP CK-COMPONENTS-KMS221GGP Datasheet
515Kb / 2P
   Microminiature SMT Side Actuated
More results

Mô tả tương tự - KMS221GGP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
   Compact Size
logo
Surge Components
C46 SURGE-C46 Datasheet
2Mb / 9P
   Compact size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
   Compact size
logo
Surge Components
C45 SURGE-C45 Datasheet
3Mb / 9P
   Compact size
logo
Bel Fuse Inc.
LDC120 BEL-LDC120 Datasheet
657Kb / 4P
   Extremely compact size
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
logo
List of Unclassifed Man...
SLB1470 ETC2-SLB1470 Datasheet
577Kb / 9P
   Miniature compact size.
logo
XP Power Limited
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
   Ultra Compact Size
logo
Advanced Crystal Techno...
ACT86E_SMX ACT-ACT86E_SMX Datasheet
169Kb / 2P
   Compact in size
22-02-2012
logo
XP Power Limited
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
   Ultra Compact Size
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com