công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7430 bảng dữ liệu(PDF) 2 Page - Holtek Semiconductor Inc |
|
7430 bảng dữ liệu(HTML) 2 Page - Holtek Semiconductor Inc |
2 / 7 page Block Diagram Pin Assignment Pad Assignment Pad Coordinates Unit: mm Pad No. X Y 1 -571.75 -578.00 2 175.75 -545.50 3 592.25 -545.50 Chip size: 1550 ´ 1562 (mm)2 * The IC substrate should be connected to VDD in the PCB layout artwork. Absolute Maximum Ratings Supply Voltage.............................+0.3V to -26V Storage Temperature.................-50°Cto125°C Power Consumption.............................. 250mW Operating Temperature ..................0°Cto70°C Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi- mum Ratings² may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged expo- sure to extreme conditions may affect device reliability. HT74XX 2 January 26, 2000 VOUT VIN ref GND VOUT GND VIN HT74XX TO-92 GND VIN VOUT SOT-89 Front View Bottom View 1 2 3 (0 , 0 ) |
Số phần tương tự - 7430 |
|
Mô tả tương tự - 7430 |