công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH18 bảng dữ liệu(PDF) 5 Page - Rohm

tên linh kiện MCH18
Giải thích chi tiết về linh kiện  Multi-layer ceramic chip capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

MCH18 bảng dữ liệu(HTML) 5 Page - Rohm

  MCH18 Datasheet HTML 1Page - Rohm MCH18 Datasheet HTML 2Page - Rohm MCH18 Datasheet HTML 3Page - Rohm MCH18 Datasheet HTML 4Page - Rohm MCH18 Datasheet HTML 5Page - Rohm MCH18 Datasheet HTML 6Page - Rohm MCH18 Datasheet HTML 7Page - Rohm MCH18 Datasheet HTML 8Page - Rohm MCH18 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MCH18
Ceramic capacitors
CN (R) (B) (X7R)
FN (F) (Y5V)
−55°C ~ +125°C
−30°C ~ +85°C
Class 2 (High dielectric constant)
Temperature characteristics
Item
Operating temperature
Nominal capacitance (C)
Dissipation factor (tan
δ)
Insulation resistance (IR)
Withstanding voltage
Temperature characteristics
Terminal adherence
Resistance
to vibration
Appearance
Rate of capacitance change
Dissipation factor (tan
δ)
Solderability
Resistance
to soldering
heat
Appearance
Rate of capacitance change
Dissipation factor (tan
δ)
Insulation resistance
Withstanding voltage
Temperature
cycling
Appearance
Rate of capacitance change
Dissipation factor (tan
δ)
Insulation resistance
Humidity load
test
Appearance
Rate of capacitance change
Dissipation factor (tan
δ)
Insulation resistance
High-
temperature
load test
Appearance
Rate of capacitance change
Dissipation factor (tan
δ)
Insulation resistance
Must be within the specified tolerance range.
2.5% or less
(when rated voltage is 16V: 3.5% or less)
5.0% or less
(when rated voltage is 16V: 7.5% or less)
10,000 M
Ω or 500 MΩ ⋅ µF, whichever is smaller
The insulation must not be damaged.
Within
± 15%
+ 22, + 82%
No detachment or signs of detachment
There must be no mechanical damage.
Must be within initial tolerance.
Must satisfy initial specified value.
At least 3/4 of the surface of the two terminals must be covered with new solder.
There must be no mechanical damage.
Within
± 5.0%
Within
± 20.0%
Must satisfy initial specified value.
10,000M
Ω or 500MΩ ⋅ µF, whichever is smaller
The insulation must not be damaged.
There must be no mechanical damage.
Within
± 7.5%
Within
± 20.0%
Must satisfy initial specified value.
10,000M
Ω or 500MΩ ⋅ µF, whichever is smaller
There must be no mechanical damage.
± 12.5% or less
Within
± 30.0%
5.0% or less
7.5% or less
(when rated voltage is 16V: 10.0%)
500M
Ω or 25MΩ ⋅ µF, whichever is smaller
There must be no mechanical damage.
Within
± 10.0%
Within
± 30.0%
5.0% or less
7.5% or less
(when rated voltage is 16V: 10.0%)
1,000M
Ω or 50MΩ ⋅ µF, whichever is smaller
Test methods/conditions
(based on JIS C 5102)
Based on paragraph 7.8
Measured at room temperature and standard humidity,
Measurement frequency
Measurement voltage
Based on paragraph 7.6
Measurement is made after rated voltage
is applied for 60
± 5s.
Based on paragraph 7.1
Apply 250% of the rated voltage for 1 to 5s then measure.
The temperature coefficients in paragraph 7.12,
table 8, condition B, are based on measurements
carried out at 20
°C, with no voltage applied.
Based on paragraph 8. 11. 2.
Apply 5N for 10
± 1s
in the direction indicated
by the arrow.
Capacitor
Test board
Pressure (5N)
Chip is mounted to a board in the
manner shown on the right, subjected
to vibration (type A in paragraph 8.2),
and measured 48
± 4 hrs. later.
Board
Soldering temperature
Based on paragraph 8. 13
Soldering time
Based on paragraph 8. 14.
Soldering temperature
Soldering time
Preheating
Based on paragraph 9.3
Number of cycles : 5
Capacitance measured after 48
± 4 hrs.
Test temperature
Based on paragraph 9.9
Relative humidity
Applied voltage
Test time
Capacitance measured after 48
± 4 hrs.
Applied voltage
Test time
Capacitance measured after 48
± 4 hrs.
Test temperature
Based on paragraph 9.10
: 1
± 0.1 kHz
: 1.0
± 0.2 Vrms.
: 235
± 5°C
: 2
± 0.5s
: 260
± 5°C
: 5
± 0.5s
: 150
± 10°C for
1 to 2 min.
: 40
± 2°C
: 90% to 95%
: rated voltage
: 500 to 524 hrs.
: Max. operating temp.
: rated voltage
× 200%
: 1,000 to 1,048 hrs.
∗The design and specifications are subject to change without prior notice. Before ordering or using, please check the latest technical specification.


Số phần tương tự - MCH18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH18 ROHM-MCH18 Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
MCH182A103CC ROHM-MCH182A103CC Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
MCH182A103CK ROHM-MCH182A103CK Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
MCH182A103CL ROHM-MCH182A103CL Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
More results

Mô tả tương tự - MCH18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com