công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13783 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MC13783
Giải thích chi tiết về linh kiện  Power Management and Audio Circuit
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13783 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC13783 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
Signal Descriptions
MC13783 Technical Data, Rev. 3.5
8
Freescale Semiconductor
DVSSW1A
J15
LV
Dynamic voltage scaling logic input for switcher 1A
GNDSW1A
L17
Ground for switcher 1A
SW1BIN
N18
MV
Switcher 1B input
SW1BOUT
N17
MV
Switcher 1B output
SW1BFB
M18
LV
Switcher 1B feedback
DVSSW1B
K15
LV
Dynamic voltage scaling logic input for switcher 1B
GNDSW1B
M17
Ground for switcher 1B
SW2AIN
P18
MV
Switcher 2A input
SW1ABSPB
P11
LV
SW1 mode configuration
SW2AOUT
R18
MV
Switcher 2A output
SW2AFB
P15
LV
Switcher 2A feedback
DVSSW2A
H15
LV
Dynamic voltage scaling logic input for switcher 2A
GNDSW2A
P17
Ground for switcher 2A
SW2BIN
U18
MV
Switcher 2B input
SW2BOUT
T18
MV
Switcher 2B output
SW2BFB
R17
LV
Switcher 2B feedback
DVSSW2B
J14
LV
Dynamic voltage scaling logic input for switcher 2B
GNDSW2B
T17
Ground for switcher 2B
SW2ABSPB
R12
LV
SW2 mode configuration
SW3IN
J17
HV
Switcher 3 input
SW3OUT
H18
HV
Switcher 3 output
SW3FB
H17
HV
Switcher 3 feedback
GNDSW3
J18
Ground for switcher 3
Power Gating
PWGT1EN
L14
LV
Power gate driver 1 enable
PWGT1DRV
M15
EMV
Power gate driver 1 output
PWGT2EN
L15
LV
Power gate driver 2 enable
PWGT2DRV
K14
EMV
Power gate driver 2 output
Regulators
VINAUDIO
U12
MV
Input regulator audio
Table 1. Pinout Listing (continued)
Pin
Location
Rating*
Function
* The maximum voltage rating is given per category of pins:
• EHV for Extended High Voltage (20 V)
• HV for High Voltage (7.5 V)
• EMV for Extended Medium Voltage (5.5 V)
• MV for Medium Voltage (4.65 V)
• LV for Low Voltage (3.1 V)


Số phần tương tự - MC13783

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783_09 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
More results

Mô tả tương tự - MC13783

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13783 FREESCALE-MC13783_09 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
   Power Management and Audio Circuit
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
logo
ON Semiconductor
NCP2704 ONSEMI-NCP2704 Datasheet
784Kb / 28P
   Audio Management Integrated Circuit
November, 2010 ??Rev. 0
logo
ams AG
AS3658 AMSCO-AS3658_07 Datasheet
6Mb / 158P
   Power and Audio Management Unit for Portable Devices
AS3658 AMSCO-AS3658 Datasheet
148Kb / 3P
   Power and Audio Management Unit for Portable Devices
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
logo
Texas Instruments
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com