công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F-96U bảng dữ liệu(PDF) 3 Page - TRIAD MAGNETICS |
|
F-96U bảng dữ liệu(HTML) 3 Page - TRIAD MAGNETICS |
3 / 3 page www.TriadMagnetics.com | 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757 Mounting Type Secondary Primary RMS Test Case Dimensions Dimensions Wt. Section No. Volts Amps Voltage Voltage (Sec.) Type Connections HW D MW MD Lbs. F-57X 25.2 CT 1.000 117 1,500 X Leads 115/16 39/16 2213/16 • 1.50 F-357X 25.2 CT 1.000 115/230 1,500 X Leads 115/16 39/16 2213/16 • 1.50 A F-41X# 25.2 CT 2.000 115 1,500 X Leads 219/32 421/4 39/16 • 2.20 F-341X 25.2 CT 2.000 115/230 1,500 X Leads 219/32 421/4 39/16 • 2.20 F-56X 25.2 CT 2.800 115 1,500 X Leads 221/32 421/4 39/16 • 2.50 F-119X 26.8 CT 0.150 115 1,500 X Leads 13/8 23/8 11/2 2 • 0.45 F-40X# 26.8 CT 1.000 115 1,500 X Leads 115/16 35/16 2213/16 • 1.30 B F-340X 26.8 CT 1.000 115/230 1,500 X Leads 115/16 35/16 2213/16 • 1.30 F-55X 26.8 CT 1.700 115 1,500 X Leads 219/32 421/4 39/16 • 2.30 F-355X 26.8 CT 1.700 115/230 1,500 X Leads 219/32 421/4 39/16 • 2.30 F-122X 28.0 CT 0.175 115 1,500 X Leads 13/8 23/8 11/2 2 • 0.35 F-124X 28.0 CT 0.800 115 1,500 X Leads 115/16 31/4 2213/16 • 1.00 C F-184X 28.0 CT 1.000 115 1,500 X Leads 25/16 311/16 21/4 31/8 • 1.40 F-3185U 28.0 CT 2.000 115/230 1,500 X Leads 31/16 21/2 27/16 221/4 2.90 F-187U 28.0 CT 4.000 115 1,500 U Leads 31/2 27/8 31/16 21/4 21/4 5.30 F-188X 35.0 CT 0.100 115 1,500 X Leads 15/8 213/16 17/16 23/8 • 0.35 F-228X# 35.0 CT 0.300 115 1,500 X Leads 15/8 213/16 15/8 23/8 • 0.60 F-189X 35.0 CT 0.500 115 1,500 X Leads 25/16 311/16 115/16 31/8 • 1.00 D F-54X 35.0 CT 1.500 115 1,500 X Leads 219/32 421/4 39/16 • 2.20 F-354X 35.0 CT 1.500 115/230 1,500 X Leads 219/32 421/4 39/16 • 2.20 F-191U 35.0 CT 4.000 115 1,500 U Leads 313/16 33/16 33/16 23/4 21/2 6.00 F-268U 35.0 CT 8.000 115 1,500 U Leads 41/2 33/4 41/4 331/4 11.00 F-270X 40.0 CT 1.000 115 1,500 X Leads 29/16 421/4 35/16 • 2.60 F-271U 40.0 CT 2.000 115 1,500 U Leads 33/8 213/16 27/8 21/4 23/8 4.00 E F-272U 40.0 CT 4.000 115 1,500 U Leads 33/4 31/8 31/2 21/2 27/8 6.40 F-273U 40.0 CT 6.000 115 1,500 U Leads 41/2 33/4 4 3 3 10.00 F-275U 40.0 CT 10.000 115 1,500 U Leads 53/8 43/8 41/2 31/2 33/8 14.50 F-59X 60.0 CT 0.400 115 1,500 X Leads 115/16 35/16 2213/16 • 1.30 F F-279U 60.0 CT 1.000 115 1,500 U Leads 3 21/2 25/8 223/8 3.40 F-280U 60.0 CT 2.000 115 1,500 U Leads 33/4 31/8 31/8 21/2 25/8 5.60 F-282U 60.0 CT 6.000 115 1,500 U Leads 51/4 43/8 41/8 31/2 27/8 12.50 :: Single S e c ondar y c o n tinued # 60 Hz CT = Center Tap Mounting hole sizes: X = 3/16" U = 13/64 x 3/8" ƒ Wingdings may be connected in series to obtain their combined voltage when properly phased. Current will be equal to the current of the lowest winding. Example: Two 6.3 V windings @ 2A in series would be 12.6 V @ 2A. Wingdings may also be connected in parallel to obtain combined current. Example: Two 6.3 V windings @ 2A in parallel would be 6.3 V @ 4A. # 60 Hz CT = Center Tap Mounting hole sizes X = 3/16" U = 13/64 x 3/8" Z = 3/16" Mounting Type Secondary Primary RMS Test Case Dimensions Dimensions Wt. Section No. Volts Amps Voltage Voltage (Sec.) Type Connections HW D MW MD Lbs. F-235Z# 12.0 CT 0.250 115 1,500 Z Lugs 2 23/8 17/16 2 • 0.6 12.0 CT 0.250 F-236Z# 12.0 CT 0.500 115 1,500 Z Lugs 25/16 27/8 15/8 23/8 • 0.9 G 12.0 CT 0.500 F-237Z# 12.0 CT 1.000 115 1,500 Z Lugs 23/8 213/16 21/16 23/8 • 1.1 12.0 CT 1.000 F-241U#f 18.0 CT 1.000 115 1,500 U Lugs 21/2 321/2 21/2 2 2.2 18.0 CT 1.000 F-243U#f 18.0 CT 4.000 115 1,500 U Lugs 31/2 41/8 31/4 37/16 21/4 5.2 H 18.0 CT 4.000 18.0 CT 8.000 F-244U#f 18.0 CT 8.000 115 1,500 U Lugs 33/ 4 41/ 2 433/ 4 23/ 4 8.3 F-195X 32.0 CT 0.250 115 1,500 X Leads 21/4 33/4 17/8 31/8 • 1.3 I 15.5 CT 0.750 J F-196U 32.0 CT 1.000 115 1,500 U Leads 33/8 213/16 25/8 21/4 21/4 4.0 15.5 CT 2.000 K F-197U 32.0 CT 1.000 115 1,500 U Leads 33/4 31/8 215/16 21/2 21/4 4.7 15.0 CT 4.0 L F-198U 32.0 CT 1.000 115 1,500 U Leads 33/4 31/8 33/16 21/2 23/4 6.2 15.0 CT 6.000 :: Multiple S e c ondar y |
Số phần tương tự - F-96U |