công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F-146XP bảng dữ liệu(PDF) 2 Page - TRIAD MAGNETICS |
|
F-146XP bảng dữ liệu(HTML) 2 Page - TRIAD MAGNETICS |
2 / 3 page Power Transformers PC Moun t Type Secondary Dimensions Wt. Section No. Figure VA Series Parallel H W D L A B MW Oz. F-131P 8.0V CT @ 0.188A 4.0V @ 0.376A F-139P 12.6V CT @ 0.12A 6.3V @ 0.24A F-132P 15.0V CT @ 0.100A 7.5V @ 0.200A F-150P 17.0V CT @ 0.085A 8.5V @ 0.170A F-138P 25.2V CT @ 0.06A 12.6V @ 0.12A A F-133P B11/2 30.0V CT @ 0.050A 15.0V @ 0.100A 13/16 • 15/32 125/64 5 /16 1 • 3.5 F-160P 34.0V CT @ 0.045A 17.0V @ 0.090A F-137P 40.0V CT @ 0.038A 20.0V @ 0.076A F-134P 54.0V CT @ 0.028A 27.0V @ 0.056A F-135P 76.0V CT @ 0.020A 38.0V @ 0.040A F-136P 116.0V CT @ 0.013A 58.0V @ 0.026A F-141XP 8.0V CT @ 0.562A 4.0V @ 1.124A F-149XP 12.6V CT @ 0.35A 6.3V @ 0.70A F-142XP 15.0V CT @ 0.300A 7.5V @ 0.600A F-161XP 17.0V CT @ 0.264A 8.5V @ 0.528A F-148XP 25.2V CT @ 0.178A 12.6V @ 0.356A B F-143XP A41/2 30.0V CT @ 0.150A 15.0V @ 0.300A 17/16 23/8 11/4 145/64 13 /32 13/32 2 7.5 F-162XP 34.0V CT @ 0.132A 17.0V @ 0.264A F-147XP 40.0V CT @ 0.112A 20.0V @ 0.224A F-144XP 54.0V CT @ 0.084A 27.0V @ 0.168A F-145XP 76.0V CT @ 0.060A 38.0V @ 0.120A F-146XP 116.0V CT @ 0.033A 58.0V @ 0.066A F-151XP 8.0V CT @ 0.940A 4.0V @ 1.88A F-159XP 12.6V CT @ 0.60A 6.3V @ 1.2A F-152XP 15.0V CT @ 0.500A 7.5V @ 1.000A F-163XP 17.0V CT @ 0.441A 8.5V @ 0.882A F-158XP 25.2V CT @ 0.30A 12.6V @ 0.60A C F-153XP A71/2 30.0V CT @ 0.250A 15.0V @ 0.500A 15/8 213/16 115/32 161/64 13 /32 15/16 23/8 10.5 F-164XP 34.0V CT @ 0.220A 17.0V @ 0.440A F-157XP 40.0V CT @ 0.188A 20.0V @ 0.376A F-154XP 54.0V CT @ 0.140A 27.0V @ 0.280A F-155XP 76.0V CT @ 0.100A 38.0V @ 0.200A F-156XP 116.0V CT @ 0.085A 58.0V @ 0.130A :: Single P r imar y , Dual S ec ondaries CT = Center Tap Mounting hole size: Figure A = 3/16" Type Dimensions Wt. Section No. Figure VA Secondary No. 1 Secondary No. 2 H W D L A B MW Oz. D F-165P C11/2 24.0V CT @ 0.025A 9.0VCT @ 0.100A F-167P 32.0V CT @ 0.020A 15.0V CT @ 0.060A E F-168XP D41/2 32.0V CT @ 0.050A 15.0V CT @ 0.195A F-166XP 24.0V CT @ 0.125A 9.0V CT @ 0.500A F-169XP 32.0V CT @ 0.100A 15.0V CT @ 0.287A :: 1 15 V olts , 50/60 Hz P r imar y/T riple Output S ec ondaries f or ±15 VDC and +5 VDC CT = Center Tap Mounting hole size: Figure A = 3/16" 13/16 125/64 15/32 125/64 13 /64 1 • 3.5 17/16 23/8 11/4 145/64 1 /4 13/32 2 7.5 FD 71/2 15/8 213/16 115/32 161/64 1 /4 15/16 23/8 10.5 F igur e A :: Description Triad power transformers are offered in a wide selection of plug-in types to meet the needs of PC board and solid state power supply designs. These transformers can satisfy power as well as control and instrumentation applications. The transformers are available in single or dual primary and dual center tapped secondary configurations. :: Specifica tions Primary: 115 V, 50/60 Hz F igur e B F igur e C F igur e D |
Số phần tương tự - F-146XP |
|
Mô tả tương tự - F-146XP |