công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F-318X bảng dữ liệu(PDF) 2 Page - TRIAD MAGNETICS |
|
F-318X bảng dữ liệu(HTML) 2 Page - TRIAD MAGNETICS |
2 / 3 page www.TriadMagnetics.com | 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757 Mounting Type Secondary Primary RMS Test Case Dimensions Dimensions Wt. Section No. Volts Amps Voltage Voltage (Sec.) Type Connections HW D MW MD Lbs. F-96U 10.0 CT 6.000 115 1,500 U Leads 3 21/2 23/4 225/16 2.10 A F-97U 10.0 CT 8.000 115 1,500 U Leads 37/16 213/16 321/4 21/2 4.00 F-113X 12.0 0.150 115 1,500 X Leads 13/8 23/8 13/8 2 • 0.40 F-216X# 12.0 0.350 115 1,500 X Leads 13/8 23/8 13/8 2 • 0.37 F-114X 12.0 0.700 115 1,500 X Leads 15/8 213/16 15/8 23/8 • 0.80 B F-217X# 12.0 1.200 115 1,500 X Leads 2 31/4 13/4 213/16 • 1.00 F-218X# 12.0 2.000 115 1,500 X Leads 2 31/4 17/8 27/8 • 1.13 F-219X# 12.0 4.000 115 1,500 X Leads 29/16 421/4 39/16 • 2.30 F-220U# 12.0 6.000 115 1,500 U Leads 37/16 213/16 21/2 21/4 21/8 3.50 F-221U# 12.0 8.000 115 1,500 U Leads 313/16 31/8 23/8 21/2 21/8 4.00 C F-29U† 12.0 CT or 11.0 CT 11.0 115 3,000 U Leads 43/8 31/2 33/8 23/4 29/16 6.50 or 10.0 CT F-70X 12.6 CT 1.000 115 1,500 X Leads 115/16 35/16 13/4 213/16 • 1.30 F-25X 12.6 CT 1.500 115 1,500 X Leads 115/16 35/16 2213/16 • 1.30 F-325X 12.6 CT 1.500 115/230 1,500 X Leads 115/16 35/16 2213/16 • 1.30 F-44X# 12.6 CT 2.000 115 1,500 X Leads 115/16 35/16 2213/16 • 1.25 F-344X 12.6 CT 2.000 115/230 1,500 X Leads 115/16 35/16 2213/16 • 1.25 D F-26X# 12.6 CT 2.500 115 1,500 X Leads 29/32 311/16 231/8 • 1.55 F-326X 12.6 CT 2.500 115/230 1,500 X Leads 29/32 311/16 231/8 • 1.55 F-224X# 12.6 3.000 115 1,500 X Leads 21/4 33/4 21/8 31/8 • 1.60 F-225X# 12.6 4.000 115 1,500 X Leads 25/8 421/16 39/16 • 2.30 F-3181U 12.6 CT 4.000 115/230 1,500 U Leads 31/16 29/16 23/16 2 2 2.30 F-182U 12.6 CT 6.000 115 1,500 U Leads 33/8 213/16 17/16 21/4 23/8 3.80 F-183U 12.6 CT 8.000 115 1,500 U Leads 313/16 33/16 215/16 21/2 21/4 5.00 F-112X 14.0 CT 0.250 115 1,500 X Leads 13/8 23/8 13/8 2 • 0.40 F-3112X 14.0 CT 0.250 115/230 1,500 X Leads 13/8 23/8 11/2 2 • 0.30 F-250X 14.0 CT 1.000 115 1,500 X leads 115/16 31/4 13/4 213/16 • 1.20 E F-251X 14.0 CT 2.000 115 1,500 X Leads 21/4 311/16 115/16 31/8 • 1.50 F-252U 14.0 CT 4.000 115 1,500 U Leads 3 21/2 27/16 221/4 3.00 F-253U 14.0 CT 6.000 115 1,500 U Leads 33/8 213/16 27/8 21/4 23/8 4.00 F-254X 20.0 CT 1.000 115 1,500 X Leads 21/4 311/16 115/16 31/8 • 1.50 F-255X 20.0 CT 2.000 115 1,500 X Leads 29/16 421/4 39/16 • 2.50 F-256U 20.0 CT 4.000 115 1,500 U Leads 33/8 213/16 27/8 23/8 • 4.00 F F-257U 20.0 CT 6.000 115 1,500 U Leads 33/4 31/8 31/8 21/2 25/8 5.70 F-258U 20.0 CT 8.000 115 1,500 U Leads 33/4 31/8 31/2 21/2 27/8 6.40 F-259U 20.0 CT 10.000 115 1,500 U Leads 41/8 37/16 31/2 23/4 23/4 7.40 F-115X 24.0 CT 0.085 115 1,500 X Leads 13/16 21/16 13/8 13/4 • 0.30 F-3115X 24.0 CT 0.085 115/230 1,500 X Leads 13/16 21/16 13/8 13/4 • 0.30 F-116X 24.0 CT 0.200 115 1,500 X Leads 13/8 23/8 11/2 2 • 0.45 F-3116X 24.0 CT 0.200 115/230 1,500 X Leads 13/8 23/8 11/2 2 • 0.45 F-117X 24.0 CT 0.400 115 1,500 X Leads 15/8 213/16 15/8 23/8 • 0.80 F-3117X 24.0 CT 0.400 115/230 1,500 X Leads 15/8 213/16 11/2 23/8 • 0.75 F-118X 24.0 CT 0.700 115 1,500 X Leads 2 31/4 2213/16 • 1.30 G F-3118X 24.0 CT 0.700 115/230 1,500 X Leads 2 31/4 2213/16 • 1.30 F-45X# 24.0 CT 1.000 115 1,500 X Leads 115/16 35/16 2213/16 • 1.30 F-345X 24.0 CT 1.000 115/230 1,500 X Leads 115/16 35/16 2213/16 • 1.30 F-46X# 24.0 1.000 115 1,500 X Leads 115/16 31/4 21/8 213/16 • 1.40 F-229X# 24.0 2.000 115 1,500 X Leads 29/16 42 39/16 • 2.30 F-192X 24.0 CT 2.000 115 1,500 X Leads 219/32 421/4 39/16 • 2.30 F-193U 24.0 CT 4.000 115 1,500 U Leads 213/16 31/8 213/16 21/2 21/8 4.00 F-260U 24.0 CT 6.000 115 1,500 U Leads 33/4 31/8 31/2 21/2 27/8 6.40 F-261U 24.0 CT 8.000 115 1,500 U Leads 41/8 37/16 31/2 23/4 23/4 7.40 F-401U 24.0 CT 10.000 115 1,500 U Leads 41/8 37/16 33/4 23/4 3 8.00 F-226U# 24.0 CT 12.000 115 1,500 U Leads 49/16 33/4 41/8 331/4 10.40 F-1000U 24.0 CT 21.000 115/230 1,500 U Leads 49/16 33/4 41/8 331/4 10.40 :: Single S e c ondar y c o n tinued # 60 Hz †Tapped primary to produce lower voltages CT = Center Tap Mounting hole sizes: U = 13/64 x 3/8" X = 3/16" C ase Ty p e X C ase Ty p e U C ase Ty p e Z |
Số phần tương tự - F-318X |