công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STL56N3LLH5 bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện STL56N3LLH5
Giải thích chi tiết về linh kiện  N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL56N3LLH5 bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  STL56N3LLH5 Datasheet HTML 1Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 2Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL56N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STL56N3LLH5
Electrical ratings
Doc ID 18415 Rev 4
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
30
V
VGS
Gate-source voltage
+22 / -20
V
ID
(1)
1.
The value is rated according to Rthj-c
Drain current (continuous) at TC = 25 °C
56
A
ID
(1)
Drain current (continuous) at TC = 100 °C
37
A
ID
(2)
2.
The value is rated according to Rthj-pcb
Drain current (continuous) at Tpcb = 25 °C
15
A
ID
(2)
Drain current (continuous) at Tpcb =100°C
10
A
IDM
(2)(3)
3.
Pulse width limited by safe operating area
Drain current (pulsed)
60
A
PTOT
(1)
Total dissipation at TC = 25°C
62.5
W
PTOT
(2)
Total dissipation at Tpcb = 25°C
4
W
Derating factor
0.03
W/°C
EAS
(4)
4.
Starting Tj = 25 °C, ID = 60 A, VDD = 50 V
Single pulse avalanche energy
150
mJ
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
2
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec
Thermal resistance junction-pcb
31.3
°C/W


Số phần tương tự - STL56N3LLH5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STL50DN6F7 STMICROELECTRONICS-STL50DN6F7 Datasheet
877Kb / 15P
   High avalanche ruggedness
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
   N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
November 2015
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
332Kb / 12P
   N-channel 30V - 0.011 - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
351Kb / 12P
   N-channel 30V - 0.011ohm - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
353Kb / 12P
   N-channel 30 V - 0.011 廓 - 13 A - PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
More results

Mô tả tương tự - STL56N3LLH5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STL58N3LLH5 STMICROELECTRONICS-STL58N3LLH5 Datasheet
711Kb / 16P
   Automotive-grade N-channel 30 V, 0.0076 ??typ., 56 A STripFET??H5 Power MOSFET in a PowerFLAT??5x6 package
December 2014 Rev 2
STL90N3LLH6 STMICROELECTRONICS-STL90N3LLH6 Datasheet
725Kb / 16P
   N-channel 30 V, 0.0038 廓 typ., 24 A STripFET??VI DeepGATE?? Power MOSFET in PowerFLAT??5x6 package
September 2013 Rev 4
STL51N3LLH5 STMICROELECTRONICS-STL51N3LLH5 Datasheet
823Kb / 13P
   N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
   N-channel 30 V, 0.0063 ?? 17 A PowerFLAT??(5x6) STripFET??V Power MOSFET
March 2010 Rev 1
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
1Mb / 5P
   N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
March 2011 Rev 6
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
   N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Description
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
   N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
DS11198 - Rev 5 - April 2019
STL75N3LLZH5 STMICROELECTRONICS-STL75N3LLZH5 Datasheet
516Kb / 9P
   N-channel 30 V, 0.0055 ?? 19 A PowerFLAT??(5x6) STripFET??V Power MOSFET
July 2010 Rev 2
STL62P3LLH6 STMICROELECTRONICS-STL62P3LLH6 Datasheet
1Mb / 16P
   P-channel -30 V, 9 m廓 typ., -62 A STripFET??H6 Power MOSFET in a PowerFLAT 5x6 package
October 2016 Rev 6
STL8N10LF3 STMICROELECTRONICS-STL8N10LF3 Datasheet
850Kb / 13P
   N-channel 100 V, 25 mA typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com