công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BY255 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện BY255
Giải thích chi tiết về linh kiện  Low cost construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

BY255 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  BY255 Datasheet HTML 1Page - List of Unclassifed Manufacturers BY255 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Low cost construction
Low forward voltage drop
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds/0.375 (9.5mm)lead length
at 5 lbs (2,3kg) tension
Transfer molded plastic
UL94V-0 rate flame retardant
Color band denotes cathode end
Plated axial lead ,solderable per MIL-STD-202E
method 208C
Any
0.042 ounce,1.19 grams
Ratings at
ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load derate current by 20%.
o
Case:
Epoxy:
Polarity:
Lead:
Mounting position:
Weight:
25 C
o
.052(1.3)
.048(1.2)
DIA.
1.0(25.4)
MIN
.375(9.5)
.335(8.5)
.220(5.6)
.197(5.0)
DIA
DO-27
1.0(25.4)
MIN
Dimensions in inches and (millimeters)
VOLTAGE RANGE
CURRENT
200 to 1300 Volts
3.0 Amperes
Maximum RMS Voltage
Maximum Average Forward Rectified Current
0.375
(9.5mm) lead length at T =75 C
A
o
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
at rated DC blocking voltage
T =25 C
T =150 C
A
o
A
o
Maximum Full Load Reverse Current,full cycle
average 0.375
(9.5mm) lead length at T =105 C
L
o
Typical Junction Capacitance(NOTE1)
Typical Thermal Resistance(NOTE2)
Operating and Storage Temperature Range
NOTES:
1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.Thermal Resistance from Junction to Ambient at 0.5
(12.5mm) lead length,P.C.board mounted with 0.8 X0.8
(20X20mm)copper heatsink.
SYMBOLS
UNITS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
T ,T
J
STG
-65 to +175
30
500
500
10
1.1
150
3.0
251
200
200
140
BY
252
400
400
280
BY
253
600
600
420
BY
254
800
800
560
BY
255
1300
1300
910
BY
IR(AV)
GENERAL PURPOSE SILICON RECTIFIER
40
CJ
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
Volts
Volts
Volts
Amps
Amps
Volts
Amps
Amps
pF
O C/W
O C
R JA
BY251-BY255
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Số phần tương tự - BY255

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
BY255 PANJIT-BY255 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY255 DIOTEC-BY255 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Won-Top Electronics
BY255 WTE-BY255 Datasheet
62Kb / 4P
   3.0A HIGH VOLTAGE STANDARD DIODE
logo
Changzhou Shunye Electr...
BY255 SY-BY255 Datasheet
233Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Transys Electronics
BY255 TRSYS-BY255 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results

Mô tả tương tự - BY255

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
6A05 ETC2-6A05 Datasheet
185Kb / 2P
   Low cost construction
FR101 ETC2-FR101 Datasheet
118Kb / 2P
   Low cost construction
logo
Pulse A Technitrol Comp...
CX2024ANL PULSE-CX2024ANL Datasheet
643Kb / 2P
   Low cost construction
logo
List of Unclassifed Man...
BA157 ETC2-BA157 Datasheet
117Kb / 2P
   Low cost construction
1N5400 ETC2-1N5400 Datasheet
177Kb / 2P
   Low cost construction
BY396 ETC2-BY396 Datasheet
117Kb / 2P
   Low cost construction
logo
Sangdest Microelectroni...
KBL4005 SMC-KBL4005 Datasheet
271Kb / 4P
   Reliable low cost construction utilizing molded plastic technique
logo
EUROQUARTZ limited
EQ158 EUROQUARTZ-EQ158 Datasheet
148Kb / 1P
   Low mass, rugged construction
logo
XFMRS Inc.
XF0010-HP XFMRS-XF0010-HP Datasheet
32Kb / 2P
   LOW COST
logo
CTS Corporation
744C083103JP CTS-744C083103JP Datasheet
182Kb / 4P
   Low Cost
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com