công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA158 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện BA158
Giải thích chi tiết về linh kiện  Low cost construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

BA158 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  BA158 Datasheet HTML 1Page - List of Unclassifed Manufacturers BA158 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Low cost construction
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds/0.375 (9.5mm)lead length
at 5 lbs (2,3kg) tension
Transfer molded plastic
UL94V-0 rate flame retardant
Color band denotes cathode end
Plated axial lead ,solderable per MIL-STD-202E
method 208C
Any
0.012 ounce,0.33 gram
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load derate current by 20%.
o
Case:
Epoxy:
Polarity:
Lead:
Mounting position:
Weight:
o
Fast switching for high efficency.
Maximum RMS Voltage
Maximum Average Forward Rectified Current
0.375
(9.5mm) lead length at T =75 C
A
o
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
at rated DC blocking voltage
T =25 C
T =100 C
A
o
A
o
Maximum Reverse Recovery Time(NOTE3)
T =25 C
j
o
Typical Junction Capacitance(NOTE1)
Typical Thermal Resistance(NOTE2)
Operating and Storage Temperature Range
NOTES:
1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.Thermal Resistance from Junction to Ambient at.375”(9.5mm) lead length,P.C.board mounted.
3.Reverse Recovery Test Conditions:I =0.5A,I =1.0A,I =0.25A.
F
R
rr
SYMBOLS
UNITS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
T ,T
J
STG
-65 to +150
50
100
5.0
1.3
30
1.0
400
400
280
600
600
420
1000
1000
700
Amp
Amps
Volts
Amps
p
F
O C/W
O C
Dimensions in inches and (millimeters)
VOLTAGE RANGE
CURRENT
400 to 1000 Volts
1.0 Ampere
15
BA159
BA158
BA157
n
S
trr
150
250
500
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
.034(0.9)
.028(0.7)
DIA.
1.0(25.4)
MIN
.205(5.2)
.165(4.2)
.107(2.7)
.080(2.0)
DIA
DO-41
1.0(25.4)
MIN
Volts
Volts
Volts
FAST RECOVERY RECTIFIER
R JA
BA157-159
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Số phần tương tự - BA158

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BA158 VISHAY-BA158 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
BA158 PANJIT-BA158 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Semikron International
BA158 SEMIKRON-BA158 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
logo
Leshan Radio Company
BA158 LRC-BA158 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
SynSemi, Inc.
BA158 SYNSEMI-BA158 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
More results

Mô tả tương tự - BA158

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
6A05 ETC2-6A05 Datasheet
185Kb / 2P
   Low cost construction
FR101 ETC2-FR101 Datasheet
118Kb / 2P
   Low cost construction
logo
Pulse A Technitrol Comp...
CX2024ANL PULSE-CX2024ANL Datasheet
643Kb / 2P
   Low cost construction
logo
List of Unclassifed Man...
1N5400 ETC2-1N5400 Datasheet
177Kb / 2P
   Low cost construction
BY251 ETC2-BY251 Datasheet
174Kb / 2P
   Low cost construction
BY396 ETC2-BY396 Datasheet
117Kb / 2P
   Low cost construction
logo
Sangdest Microelectroni...
KBL4005 SMC-KBL4005 Datasheet
271Kb / 4P
   Reliable low cost construction utilizing molded plastic technique
logo
EUROQUARTZ limited
EQ158 EUROQUARTZ-EQ158 Datasheet
148Kb / 1P
   Low mass, rugged construction
logo
XFMRS Inc.
XF0010-HP XFMRS-XF0010-HP Datasheet
32Kb / 2P
   LOW COST
logo
CTS Corporation
744C083103JP CTS-744C083103JP Datasheet
182Kb / 4P
   Low Cost
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com