công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW250A1 bảng dữ liệu(PDF) 4 Page - Lineage Power Corporation

tên linh kiện FW250A1
Giải thích chi tiết về linh kiện  dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FW250A1 bảng dữ liệu(HTML) 4 Page - Lineage Power Corporation

  FW250A1 Datasheet HTML 1Page - Lineage Power Corporation FW250A1 Datasheet HTML 2Page - Lineage Power Corporation FW250A1 Datasheet HTML 3Page - Lineage Power Corporation FW250A1 Datasheet HTML 4Page - Lineage Power Corporation FW250A1 Datasheet HTML 5Page - Lineage Power Corporation FW250A1 Datasheet HTML 6Page - Lineage Power Corporation FW250A1 Datasheet HTML 7Page - Lineage Power Corporation FW250A1 Datasheet HTML 8Page - Lineage Power Corporation FW250A1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Lineage Power
Data Sheet
April 2008
dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 250 W to 300
FW250A1 and FW300A1 Power Modules:
Electrical Specifications (continued)
Table 3. Isolation Specifications
Parameter
Min
Typ
Max
Unit
Isolation Capacitance
1700
pF
Isolation Resistance
10
General Specifications
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max; TC = 40 °C)
1,700,000
hours
Weight
200 (7)
g (oz.)
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for further information.
Table 4. Feature Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VI = 0 V to 75 V; open collector or equivalent
compatible; signal referenced to VI(–) terminal; see
Figure 17 and Feature Descriptions.):
Logic Low—Module On
Logic High—Module Off
Logic Low:
At Ion/off = 1.0 mA
At Von/off = 0.0 V
Logic High:
At Ion/off = 0.0 µA
Leakage Current
Turn-on Time
(IO = 80% of IO, max; VO within ±1% of steady state)
Output Voltage Overshoot
Von/off
Ion/off
Von/off
Ion/off
0
30
0
1.2
1.0
15
50
50
5
V
mA
V
µA
ms
%VO, set
Output Voltage Adjustment (See Feature Descriptions.):
Output Voltage Remote-sense Range
Output Voltage Set-point Adjustment Range (trim)
60
0.7
114
V
%VO, nom
Output Overvoltage Protection
6.0*
7.0*
V
Output Current Monitor (IO = IO, max, TC = 70 °C)
IO, mon
0.065
V/A
* These are manufacturing test limits. In some situations, results may differ.


Số phần tương tự - FW250A1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
FW250 SANYO-FW250 Datasheet
30Kb / 4P
   N-Channl Silicon MOSFET Ultrahigh-Speed Switching Applications
More results

Mô tả tương tự - FW250A1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com