công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW300A1 bảng dữ liệu(PDF) 5 Page - Lineage Power Corporation

tên linh kiện FW300A1
Giải thích chi tiết về linh kiện  dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FW300A1 bảng dữ liệu(HTML) 5 Page - Lineage Power Corporation

  FW300A1 Datasheet HTML 1Page - Lineage Power Corporation FW300A1 Datasheet HTML 2Page - Lineage Power Corporation FW300A1 Datasheet HTML 3Page - Lineage Power Corporation FW300A1 Datasheet HTML 4Page - Lineage Power Corporation FW300A1 Datasheet HTML 5Page - Lineage Power Corporation FW300A1 Datasheet HTML 6Page - Lineage Power Corporation FW300A1 Datasheet HTML 7Page - Lineage Power Corporation FW300A1 Datasheet HTML 8Page - Lineage Power Corporation FW300A1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Lineage Power
5
Data Sheet
April 2008
dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 250 W to 300
FW250A1 and FW300A1 Power Modules:
Feature Specifications
Table 4. Feature Specifications (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Synchronization:
Clock Amplitude
Clock Pulse Width
Fan-out
Capture Frequency Range
4.00
0.4
425
5.00
1
575
V
µs
kHz
Overtemperature Protection
(See Figure 24.)
TC
105
°C
Forced Load Sharing Accuracy
10
%IO, rated
Power Good Signal Interface
(See Feature Descriptions.):
Low Impedance—Module Operating
High Impedance—Module Off
Rpwr/good
Ipwr/good
Rpwr/good
Vpwr/good
1
100
1
40
¾
mA
V
Solder, Cleaning, and Drying Considerations
Post solder cleaning is usually the final circuit-board assembly process prior to electrical testing. The result of inad-
equate circuit-board cleaning and drying can affect both the reliability of a power module and the testability of the
finished circuit-board assembly. For guidance on appropriate soldering, cleaning, and drying procedures, refer to
the Board-Mounted Power Modules Soldering and Cleaning Application Note (AP97-021EPS).


Số phần tương tự - FW300A1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
More results

Mô tả tương tự - FW300A1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com