công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW300A1 bảng dữ liệu(PDF) 2 Page - Lineage Power Corporation

tên linh kiện FW300A1
Giải thích chi tiết về linh kiện  dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FW300A1 bảng dữ liệu(HTML) 2 Page - Lineage Power Corporation

  FW300A1 Datasheet HTML 1Page - Lineage Power Corporation FW300A1 Datasheet HTML 2Page - Lineage Power Corporation FW300A1 Datasheet HTML 3Page - Lineage Power Corporation FW300A1 Datasheet HTML 4Page - Lineage Power Corporation FW300A1 Datasheet HTML 5Page - Lineage Power Corporation FW300A1 Datasheet HTML 6Page - Lineage Power Corporation FW300A1 Datasheet HTML 7Page - Lineage Power Corporation FW300A1 Datasheet HTML 8Page - Lineage Power Corporation FW300A1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Lineage Power
Data Sheet
April 2008
dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 250 W to 300
FW250A1 and FW300A1 Power Modules:
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Parameter
Symbol
Min
Max
Unit
Input Voltage:
Continuous
Transient (100 ms)
VI
VI, trans
80
100
Vdc
V
I/O Isolation Voltage (for 1 minute)
1500
V
Operating Case Temperature
(See Thermal Considerations section and
Figure 24.)
TC
–40
100
°C
Storage Temperature
Tstg
–55
125
°C
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Table 1. Input Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VI
36
48
75
Vdc
Maximum Input Current (VI = 0 V to 75 V):
FW250A1
FW300A1
II, max
II, max
10
12
A
A
Inrush Transient
i2t
2.0
A2s
Input Reflected-ripple Current, Peak-to-peak
(5 Hz to 20 MHz, 12 µH source impedance;
see Figure 14.)
II
10
mAp-p
Input Ripple Rejection (120 Hz)
60
dB
Fusing Considerations
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone
operation to an integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal fus-
ing is not included; however, to achieve maximum safety and system protection, always use an input line fuse. The
safety agencies require a normal-blow fuse with a maximum rating of 20 A (see Safety Considerations section).
Based on the information provided in this data sheet on inrush energy and maximum dc input current, the same
type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data for further information.


Số phần tương tự - FW300A1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
More results

Mô tả tương tự - FW300A1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com