công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDD5-250 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers |
|
FDD5-250 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page FDD / FDFD Series Insulated Crimp Terminals Metric Page 1 21/10/05 V1.1 Features: • Easy cable entry guide which eliminates flared wire strands. • Bright electrotinned finish which prevents oxidisation. • Full compliance to BS4579, IEC352-2, ISO1996. • A digit is indented above the crimp to verify correct usage. Specifications: Current ratings : Quoted at 415 V ac maximum at 32°C. Temperature range : -20°C to +85°C. Insulation : Coloured Vinyl. Terminal : Brass, Copper to BS6017 (1981). Plating : Electrotinned to BS1872 (1984). Maximum Electrical Rating : 75°C 300 Volts. Female Push-On Fully Insulated Female Push-On Wire Details Insulation Colour Red Blue Yellow Wire size in mm2 0.25 - 1.65 1.04 - 2.63 2.63 - 6.64 Single standard wire size diameter 0.57 - 1.44 1.14 - 1.82 1.82 - 2.89 Equivalent A.W.G. 22 - 16 16 - 14 12 - 10 Equivalent S.W.G. 29 - 17 17 - 13 11 - 6 Suitable metric cables Stranded 19/0.15 19/0.3 19/0.45 13/0.2 7/0.5 44/0.3 16/0.2 21/0.3 7/0.85 19/0.2 30/0.25 56/0.3 14/0.25 19/0.335 65/0.3 24/0.2 63/0.2 37/0.4 19/0.25 28/0.3 159/0.2 32/0.2 35/0.3 84/0.3 40/0.2 51/0.25 7/1.04 19/0.3 - - Single 1/0.9 1/1.38 1/2.25 1/1.13 1/1.78 - Crimp Selection Chart Dimensions : Millimetres AWG = American Wire Gauge. SWG = Standard Wire Gauge. Conductor make up metric cables i.e. 19/0.15 = 19 strands of 0.15mm diameter. |
Số phần tương tự - FDD5-250 |
|
Mô tả tương tự - FDD5-250 |