công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

93-10-02 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện 93-10-02
Giải thích chi tiết về linh kiện  Add case outline M. Technical changes and corrections to table I. Editorial changes throughout.
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

93-10-02 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  93-10-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
77034
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
X
SHEET
3
DSCC FORM 2234
APR 97
1.2.3 Device class designator. The device class designator is a single letter identifying the product assurance level as listed
below. Since the device class designator has been added after the original issuance of this drawing, device classes M and Q
designators will not be included in the PIN and will not be marked on the device except for those devices that use a RHA
designator
Device class
Device requirements documentation
M
Vendor self-certification to the requirements for MIL-STD-883 compliant, non-
JAN class level B microcircuits in accordance with MIL-PRF-38535, appendix A
Q or V
Certification and qualification to MIL-PRF-38535
1.2.4 Case outline(s). The case outline(s) are as designated in MIL-STD-1835 and as follows:
Outline letter
Descriptive designator
Terminals
Package style
M
See figure 1
3
Power surface mount
N
See figure 1
3
Surface mount
T 1/
See figure 1
3
TO-257 flange mount, glass sealed
U 1/
See figure 1
3
TO-257 flange mount with isolated tab, glass sealed
X
See figure 1
3
TO-39 can
Y
MBFM1-P2
2
Flange mount
Z
MBFM4-P2
2
Flange mount
2
CQCC1-N20
20
Square leadless chip carrier
4
See figure 1
3
SMD-257-A flange mount, glass sealed
5
See figure 1
18
Rectangular leadless chip carrier
6
See figure 1
18
Rectangular leadless chip carrier
1.2.5 Lead finish. The lead finish is as specified in MIL-PRF-38535 for device classes Q and V or MIL-PRF-38535,
appendix A for device class M.
1.3 Absolute maximum ratings. 2/
Power dissipation (PD):
Case X ....................................................................................................... 2 W
Cases M, N, T, U, Y, Z and 4 (internally limited) ....................................... 20 W
Case 2:
At TA = +25°C ......................................................................................... 1.1 W
At TC = +25°C ........................................................................................ 6.2 W
Cases 5 and 6 at TC = +25°C ..................................................................... 10 W
Input-output voltage differential:
Device types 01, 03, 05, 06 ....................................................................... 40 V dc
Device types 02, 07 ................................................................................... 60 V dc
Device types 04, 08 ................................................................................... 50 V dc
Operating junction temperature range ........................................................... -55
°C to +150°C
Storage temperature ..................................................................................... -65
°C to +150°C
Lead temperature (soldering, 10 seconds) ................................................... 300
°C
Thermal resistance, junction to case (
θ
JC):
Cases M, N, and T ................................................................................... 3.5
°C/W
Cases U and 4 ........................................................................................ 4.2
°C/W
Case X .................................................................................................... 15
°C/W
Case Y .................................................................................................... 3
°C/W
Case Z .................................................................................................... 5
°C/W
Case 2 ..................................................................................................... See MIL-STD-1835
Cases 5 and 6 ......................................................................................... 13
°C/W
1/
For outline letters T and U, CAGE 34333 manufacturers the TO-257 package with ceramic seal.
2/
Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the
maximum levels may degrade performance and affect reliability.


Số phần tương tự - 93-10-02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Everlight Electronics C...
93-11/B2C-AS1T2M/2T EVERLIGHT-93-11/B2C-AS1T2M/2T Datasheet
183Kb / 10P
   High Performance SMD White LED with Reflector
logo
OEN India Limited
93-1A-1210 OENINDIA-93-1A-1210 Datasheet
96Kb / 2P
   AUTOMOTIVE POWER RELAY
93-1A-1211 OENINDIA-93-1A-1211 Datasheet
96Kb / 2P
   AUTOMOTIVE POWER RELAY
93-1C-1210 OENINDIA-93-1C-1210 Datasheet
96Kb / 2P
   AUTOMOTIVE POWER RELAY
93-1C-1211 OENINDIA-93-1C-1211 Datasheet
96Kb / 2P
   AUTOMOTIVE POWER RELAY
More results

Mô tả tương tự - 93-10-02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
5962-87719 AD-5962-87719 Datasheet
121Kb / 11P
   Add case outline 2 Editorial changes throughout
logo
PHOENIX CONTACT
1404984 PHOENIX-1404984 Datasheet
61Kb / 1P
   TECHNICAL CHANGES RESERVED
1405221 PHOENIX-1405221 Datasheet
88Kb / 1P
   TECHNICAL CHANGES RESERVED
1404974 PHOENIX-1404974 Datasheet
105Kb / 1P
   TECHNICAL CHANGES RESERVED
logo
Laird Tech Smart Techno...
BTM420 LSTD-BTM420 Datasheet
1Mb / 21P
   Changes and Revisions
logo
NXP Semiconductors
MC68HC11P2 NXP-MC68HC11P2 Datasheet
243Kb / 2P
   This addendum provides changes to the MC68HC11P2/MC68HC711P2 Technical Data
logo
Freescale Semiconductor...
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
   The following revision history table summarizes changes contained in this document.
logo
List of Unclassifed Man...
SDC-300 ETC2-SDC-300 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
logo
Texas Instruments
TM4C1237H6PGE TI1-TM4C1237H6PGE Datasheet
6Mb / 1311P
[Old version datasheet]   The revision history table notes changes made between the indicated revisions of the
OMAP5912ZZG TI-OMAP5912ZZG Datasheet
2Mb / 269P
[Old version datasheet]   This data sheet revision history highlights the technical changes made to SPRS231D to generate SPRS231E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com