công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GSR-415 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện GSR-415
Giải thích chi tiết về linh kiện  Two-Piece Grounding Connectors for Shielded and Coaxial Cable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

GSR-415 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  GSR-415 Datasheet HTML 1Page - List of Unclassifed Manufacturers GSR-415 Datasheet HTML 2Page - List of Unclassifed Manufacturers GSR-415 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
229
Two-Piece Grounding Connectors for Shielded and Coaxial Cable
Installation Method
1. Slip outer sleeve over insulation
jacket, after stripping. Trim braid to
within 1/2” of insulation.
2. Fan braid by rotating center
conductor and slip inner sleeve under
braid.
3. Position inner sleeve to extend about
1/16” beyond braid.
4. Slip one No. 22 or No. 20 ground wire
under outer sleeve (front or back), and
slide outer sleeve over braid.
For Daisy chain grounding, two
ground wires can be accommodated
by selecting the proper size outer
sleeve.
5. Outer sleeve covers all exposed
strands.
6. Compress in specified tool. (Tool will
not release until full compression
stroke is completed.)
A reliable method for grounding,
terminating and insulating shielded and
coaxial cable
All-around hex compression is applied
with a simple tool. The result: a
permanent, compression joint. With or
without grounding wire (insertable from
front or back), reliable grounding of
termination is done quickly, neatly, and
accurately.
The Thomas & Betts hex compression is
a permanent method which has reliably
connected literally hundreds of millions
of installations in communications,
aerospace, electronic, telephone, radio
and TV. The termination is completed
quickly, neatly, accurately … at a greatly
reduced production cost.
Warning: Never install
on energized wire.
238-254.pdf 3
7/13/2012 11:38:22 AM


Số phần tương tự - GSR-415

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GSR Technology Ltd
GSR-102PW GSR-GSR-102PW Datasheet
523Kb / 2P
   10.1??Wide Screen Fanless Multi-touch Panel PC with Intel짰 Celeron짰 J1900 Processor
GSR-102PW-A1 GSR-GSR-102PW-A1 Datasheet
523Kb / 2P
   10.1??Wide Screen Fanless Multi-touch Panel PC with Intel짰 Celeron짰 J1900 Processor
GSR-152PW GSR-GSR-152PW Datasheet
572Kb / 2P
   15.6??Fanless Multi-touch Panel PC with Intel짰 CeleronTM J1900 Processor
GSR-152PW-A1 GSR-GSR-152PW-A1 Datasheet
572Kb / 2P
   15.6??Fanless Multi-touch Panel PC with Intel짰 CeleronTM J1900 Processor
GSR-186 GSR-GSR-186 Datasheet
491Kb / 2P
   18.5??Fanless Multi-touch Panel PC with Intel짰 Core??i5-4300U Processor
More results

Mô tả tương tự - GSR-415

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
GSB550 ETC2-GSB550 Datasheet
37Kb / 1P
   Two-Piece - Inner sleeve Copper Grounding Connector for shielded and coaxial cables, Inner Diameter .55, Length 5/16 inch, Blue
logo
Hirose Electric
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
TWT2-P HIROSE-TWT2-P Datasheet
253Kb / 4P
   Coaxial two-core(TWT2) Connectors
logo
List of Unclassifed Man...
2-767004-2 ETC-2-767004-2 Datasheet
273Kb / 3P
   High Speed, Controlled Impedance Two-Piece Connectors
Revised 8-97
logo
Rosenberger Hochfrequen...
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
logo
TE Connectivity Ltd
SDT TEC-SDT Datasheet
129Kb / 3P
   Shielded coaxial cable lead
logo
Rosenberger Hochfrequen...
SLGK002C-C05-060 ROSENBERGER-SLGK002C-C05-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
SLGK002C-C07-060 ROSENBERGER-SLGK002C-C07-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
logo
Rosenberger Hochfrequen...
SLGK002C-C03-060 ROSENBERGER-SLGK002C-C03-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com