công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GSR-405 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện GSR-405
Giải thích chi tiết về linh kiện  Two-Piece Grounding Connectors for Shielded and Coaxial Cable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

GSR-405 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  GSR-405 Datasheet HTML 1Page - List of Unclassifed Manufacturers GSR-405 Datasheet HTML 2Page - List of Unclassifed Manufacturers GSR-405 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
231
Two-Piece Grounding Connectors for Shielded and Coaxial Cable
Non-insulated Outer Sleeve-Cat. GSC
Connector Outer Sleeves
Cat.
Colour
Military
No.
Code
I.D.
O.D.
Spec. No.
Non-insulated
GSC-101
Tin
.101
.124
21980-101
GSC-128
Blue
.128
.152
21980-128
GSC-149
Purple
.149
.179
21980-149
GSC-156
Yellow
.156
.193
21980-156
GSC-175
Blue
.175
.215
21980-175
GSC-187
Orange
.187
.227
21980-187
GSC-194
Red
.194
.226
21980-194
GSC-199
Tin
.199
.235
21980-199
GSC-205
Yellow
.205
.245
21980-205
GSC-219
Green
.219
.250
21980-219
GSC-225
Purple
.225
.256
21980-225
GSC-232
Orange
.232
.263
21980-232
GSC-261
Yellow
.261
.297
21980-261
GSC-275
Tin
.275
.306
21980-275
GSC-281
Purple
.281
.331
21980-281
GSC-287
Blue
.287
.327
21980-287
GSC-297
Green
.297
.335
21980-297
GSC-312
Yellow
.312
.362
21980-312
GSC-327
Tin
.327
.372
21980-327
GSC-348
Orange
.348
.393
21980-348
GSC-359
Purple
.359
.399
21980-359
GSC-375
Yellow
.375
.406
21980-375
GSC-405
Red
.405
.453
21980-405
GSC-415
Blue
.415
.463
21980-415
GSC-425
Tin
.425
.475
GSC-460
Tin
.460
.510
21980-460
GSC-500
Green
.500
.550
21980-500
Insulated
GSR-101
Tin
.101
.124
18121-101
GSR-128
Blue
.128
.152
18121-128
GSR-149
Purple
.149
.179
18121-149
GSR-156
Yellow
.156
.193
18121-156
GSR-175
Blue
.175
.215
18121-175
GSR-187
Orange
.187
.227
18121-187
GSR-194
Red
.194
.226
18121-194
GSR-199
Tin
.199
.235
18121-199
GSR-205
Yellow
.205
.245
18121-205
GSR-219
Green
.219
.250
18121-219
GSR-225
Purple
.225
.256
18121-225
GSR-232
Orange
.232
.263
18121-232
GSR-261
Yellow
.261
.297
18121-261
GSR-275
Tin
.275
.306
18121-275
GSR-281
Purple
.281
.331
18121-281
GSR-287
Blue
.287
.327
18121-287
GSR-297
Green
.297
.335
18121-297
GSR-312
Yellow
.312
.362
18121-312
GSR-327
Tin
.327
.372
18121-327
GSR-348
Orange
.348
.393
18121-348
GSR-359
Purple
.359
.399
18121-359
GSR-375
Yellow
.375
.406
18121-375
GSR-405
Red
.405
.453
18121-405
GSR-415
Blue
.415
.463
18121-415
GSR-460
Tin
.460
.510
18121-460
GSR-500
Green
.500
.550
18121-500
Outer sleeve
1. Add .060 to O.D. of inner sleeve selected. Use this
dimension to select outer sleeve with this I.D. or the nearest
larger I.D.
2. Use GSC prefix to order non-insulated outer sleeve. Use
GSR prefix to order nylon insulated outer sleeve.
Note: All parts are standard tin plated per MIL-T-10727A
Note: Inner and outer connector catalogue nos. conform to
MIL-F-21608.
These suffixes are NOT colour-coded. They are not stock
items.
Add suffix PF for plain finish.
Add suffix T for tin plate with no colour code.
Add suffix NP for nickel plate.
Consult regional sales office for delivery and minimum
quantities.
Soft bronze outer sleeve slips over the braid and
ground wire.
Length 1/4"
Insulated Outer Sleeve-Cat. GSR
Soft bronze outer sleeve with nylon insulator
slips over the braid and ground wire.
238-254.pdf 5
7/13/2012 11:38:22 AM


Số phần tương tự - GSR-405

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GSR Technology Ltd
GSR-102PW GSR-GSR-102PW Datasheet
523Kb / 2P
   10.1??Wide Screen Fanless Multi-touch Panel PC with Intel짰 Celeron짰 J1900 Processor
GSR-102PW-A1 GSR-GSR-102PW-A1 Datasheet
523Kb / 2P
   10.1??Wide Screen Fanless Multi-touch Panel PC with Intel짰 Celeron짰 J1900 Processor
GSR-152PW GSR-GSR-152PW Datasheet
572Kb / 2P
   15.6??Fanless Multi-touch Panel PC with Intel짰 CeleronTM J1900 Processor
GSR-152PW-A1 GSR-GSR-152PW-A1 Datasheet
572Kb / 2P
   15.6??Fanless Multi-touch Panel PC with Intel짰 CeleronTM J1900 Processor
GSR-186 GSR-GSR-186 Datasheet
491Kb / 2P
   18.5??Fanless Multi-touch Panel PC with Intel짰 Core??i5-4300U Processor
More results

Mô tả tương tự - GSR-405

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
GSB550 ETC2-GSB550 Datasheet
37Kb / 1P
   Two-Piece - Inner sleeve Copper Grounding Connector for shielded and coaxial cables, Inner Diameter .55, Length 5/16 inch, Blue
logo
Hirose Electric
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
TWT2-P HIROSE-TWT2-P Datasheet
253Kb / 4P
   Coaxial two-core(TWT2) Connectors
logo
List of Unclassifed Man...
2-767004-2 ETC-2-767004-2 Datasheet
273Kb / 3P
   High Speed, Controlled Impedance Two-Piece Connectors
Revised 8-97
logo
Rosenberger Hochfrequen...
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
logo
TE Connectivity Ltd
SDT TEC-SDT Datasheet
129Kb / 3P
   Shielded coaxial cable lead
logo
Rosenberger Hochfrequen...
SLGK002C-C05-060 ROSENBERGER-SLGK002C-C05-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
SLGK002C-C07-060 ROSENBERGER-SLGK002C-C07-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
logo
Rosenberger Hochfrequen...
SLGK002C-C03-060 ROSENBERGER-SLGK002C-C03-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com