công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC-4R192CPE6C-745 bảng dữ liệu(PDF) 10 Page - NEC |
|
MC-4R192CPE6C-745 bảng dữ liệu(HTML) 10 Page - NEC |
10 / 6 page Preliminary Data Sheet M14808EJ2V0DS00 10 MC-4R192CPE6C RIMM Module Current Profile IDD RIMM module power conditions Note1 MAX. Unit IDD1 One RDRAM in Read Note2, balance in NAP mode -845 736.2 mA -745 671.2 -653 586.2 IDD2 One RDRAM in Read Note2, balance in Standby mode -845 1,900 mA -745 1,780 -653 1,585 IDD3 One RDRAM in Read Note2, balance in Active mode -845 2,670 mA -745 2,440 -653 2,135 IDD4 One RDRAM in Write, balance in NAP mode -845 696.2 mA -745 641.2 -653 561.2 IDD5 One RDRAM in Write, balance in Standby mode -845 1,860 mA -745 1,750 -653 1,560 IDD6 One RDRAM in Write, balance in Active mode -845 2,630 mA -745 2,410 -653 2,110 Notes 1. Actual power will depend on individual RDRAM component specifications, memory controller and usage patterns. Power does not include Refresh Current. 2. I/O current is a function of the % of 1’s, to add I/O power for 50 % 1’s for a x16 need to add 257 mA for the following : VDD = 2.5 V, VTERM = 1.8 V, VREF = 1.4 V and VDIL = VREF − 0.5 V. |
Số phần tương tự - MC-4R192CPE6C-745 |
|
Mô tả tương tự - MC-4R192CPE6C-745 |