công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMTS2500-110250-10 bảng dữ liệu(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

tên linh kiện KMTS2500-110250-10
Giải thích chi tiết về linh kiện  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Trang chủ  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

KMTS2500-110250-10 bảng dữ liệu(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  KMTS2500-110250-10 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION KMTS2500-110250-10 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION KMTS2500-110250-10 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION KMTS2500-110250-10 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION KMTS2500-110250-10 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION KMTS2500-110250-10 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION KMTS2500-110250-10 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION KMTS2500-110250-10 Datasheet HTML 8Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
1100 - 2500 MHZ
WIDE BANDWIDTH
CONNECTORIZED MODEL:
KMTS2500-110250-10
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA
Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • Website: http://www.synergymwave.com
[ 1 of 8 ]
FEATURES:
Over an octave bandwidth tuning
Small step size resolution
Outstanding spectral purity
High spurious rejection
Fast lock settling time
Easy programmable format
Patented Rel-Pro® Technology
Buffered Output
Phase Noise
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
100
1000
10000
100000
1000000
10000000
100000000
Offset Frequency (Hz)
1100 MHz
1800 MHz
2500 MHz
SPECIFICATIONS (Rev. B 08/14/13)
Output Frequency
1100 - 2500 MHz
Bandwidth
1400 MHz
External Reference 1
10 MHz
External Reference Input
1 V p-p to 3.3 V p-p
Step Size
Programmable to 1 Hz
Bias Voltage
VCC1
+12 VDC
VCC2
+12 VDC
VCC3
+12 VDC
Bias Power Consumption
3 Watts (Max.)
Output Power
+9 dBm (Min.)
Spurious Suppression
55 dB (Typ.)
Harmonic Suppression
15 dB (Typ.)
Patent : http://www.synergymwave.com/patents
Typical Phase Noise
Offset
dBc/Hz.
1 kHz
-93
10 kHz
-95
100 kHz
-110
Settling Time2
Within 1 kHz
<22 mSec
Within 10 Hz
<36 mSec
Output Impedance
50 Ohms (Nom.)
Operating Temperature Range
-20 to +70 ºC
Non-Operating
Temperature Range
-40 to +85 ºC
Programming
See Application Note: AN7400
Programming Bus3
Specify SPI or RS-232
Absolute Maximum Ratings
Storage Temp. Range
-55 to +125 ºC
Bias Voltage (+12 V)
+15 V
DC Voltage Applied to RF Out
± 25 V
1
Reference input frequency can be factory programmed for requested common reference frequencies from 10 - 25 MHz. Unless otherwise specified,
the reference frequency is factory programmed for 10 MHz.
2
Time between latch enable (LE) high (after user command) and final output frequency.
3
Default bus (if unspecified) is SPI.


Số phần tương tự - KMTS2500-110250-10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SYNERGY MICROWAVE CORPO...
KMTS2500-200400-20 SYNERGY-KMTS2500-200400-20 Datasheet
504Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-300600-10 SYNERGY-KMTS2500-300600-10 Datasheet
559Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

Mô tả tương tự - KMTS2500-110250-10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com