công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR2018040WG03 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện STR2018040WG03
Giải thích chi tiết về linh kiện  300mm Rigid LED Strip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

STR2018040WG03 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

  STR2018040WG03 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR2018040WG03 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR2018040WG03 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR2018040WG03 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR2018040WG03 Datasheet HTML 5Page - List of Unclassifed Manufacturers STR2018040WG03 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
300mm Rigid LED Strip
Page 6
Tel: 1-408-514-1524
Fax: 1-408-514-1523
Http://www.qt-brightek.com
Copyright © 2010 QT-Brightek Corporation. All rights reserved.
The information in this document is subject to change without
Revision History:
Description:
Revision #
Revision Date
New Release of STR2018040XX03
V1.0
04/10/2012
Disclaimer
QT-BRIGHTEK reserves the right to make changes without further notice to any products
herein to improve reliability, function or design. QT-BRIGHTEK does not assume any liability
arising out of the application or use of any product or circuit described herein; neither does it
convey any license under its patent rights, nor the rights of others.
Life Support Policy
QT-BRIGHTEK’s products are not authorized for use as critical components in life support
devices or systems without the express written approval of QT-BRIGHTEK. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical
implant into the body, or (b) support or sustain life, and (c) whose failure to perform when
properly used in accordance with instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the user.
2. A critical component in any component of a life support device or system whose failure to
perform can be reasonably expected to cause the failure of the life support device or system,
or to affect its safety or effectiveness.


Số phần tương tự - STR2018040WG03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
STR20100LCB PANJIT-STR20100LCB Datasheet
326Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
STR20100LCB_R2_00001 PANJIT-STR20100LCB_R2_00001 Datasheet
326Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
STR20100LCT PANJIT-STR20100LCT Datasheet
309Kb / 5P
   Low VF Schottky Barrier Rectifier
March 4,2022
STR20100LCT_T0_00001 PANJIT-STR20100LCT_T0_00001 Datasheet
309Kb / 5P
   Low VF Schottky Barrier Rectifier
March 4,2022
STR20100LFCT PANJIT-STR20100LFCT Datasheet
403Kb / 5P
   Low VF Schottky Barrier Rectifier
March 4,2022
More results

Mô tả tương tự - STR2018040WG03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LUMEX INC.
SSP-FSD50GRB-12V-1 LUMEX-SSP-FSD50GRB-12V-1 Datasheet
56Kb / 1P
   Strip LED
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
   LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
   LED Light Strip
logo
Mean Well Enterprises C...
IRL-RGBW-01 MEANWELL-IRL-RGBW-01 Datasheet
1Mb / 3P
   LED Strip Module
logo
Bright View Electronic ...
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
   LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMH50830GP-R5M3Z2C1P-A OPTOSUPPLY-OSMH50830GP-R5M3Z2C1P-A Datasheet
79Kb / 3P
   LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
   LED Light Strip
OSMY61K37GH-R5MA5111A-A OPTOSUPPLY-OSMY61K37GH-R5MA5111A-A Datasheet
119Kb / 4P
   LED Light Strip
OSMW05C12GP-R5PTS4C1A-A OPTOSUPPLY-OSMW05C12GP-R5PTS4C1A-A Datasheet
57Kb / 3P
   LED Light Strip
logo
Mean Well Enterprises C...
IRL-RGB-01 MEANWELL-IRL-RGB-01 Datasheet
598Kb / 3P
   LED Strip Module
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com