công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR1230165WF01 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện STR1230165WF01
Giải thích chi tiết về linh kiện  5050 LED Strip Lights
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

STR1230165WF01 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  STR1230165WF01 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR1230165WF01 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR1230165WF01 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR1230165WF01 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR1230165WF01 Datasheet HTML 5Page - List of Unclassifed Manufacturers STR1230165WF01 Datasheet HTML 6Page - List of Unclassifed Manufacturers STR1230165WF01 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5050 LED Strip Lights
2 / 7
Tel: 1-408-514-1524
Fax: 1-408-514-1523
Http://www.qt-brightek.com
Copyright © 2010 QT-Brightek Corporation. All rights reserved. The information in this
document is subject to change without notice.
5050 LED Strip Lights
The LED Soft Strip lights are designed by using the surface mounted LEDs on a flexible PCB board
with a viewing angle greater than 120 degree. The LED lights are uniformly distributed with three LEDs
in each perforated portion, and each group can be cut for length requirement.
The LED Soft Strip lights are available in all kinds of colors for different decoration usage.
Its voltage is DC12V for safety usage.
Introduction
Features:
Adopt FPC as substrate
Water transparent PVC as shell- easy to bend and install.
High brightness SMD LED as light source with a 120 degree
viewing angle
All kinds of color available, Pure white, cool white, red,
green, blue, yellow, RGB color, etc.
Any length of 5 meters or below.
Input Power: DC12V.
Can be cut or connect to the longest length of 10 meters
Unique waterproof connector for outdoor usage.
Environment protection, Saves 80% energy more than the
traditional light, life span of 50000 hours.
Application:
Architecture、Corridor、Aisle
Sign, Backlighting
Hotel、KTV、Decoration
Exhibition decoration, Household


Số phần tương tự - STR1230165WF01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HB Electronic Component...
STR1-24G HB-STR1-24G Datasheet
98Kb / 2P
   LED
STR1-24W HB-STR1-24W Datasheet
99Kb / 2P
   LED
STR1-25Y HB-STR1-25Y Datasheet
86Kb / 2P
   LED
logo
SICK AG
STR1-SAFF03P5 SICK-STR1-SAFF03P5 Datasheet
398Kb / 7P
   NON-CONTACT SAFETY SWITCHES
STR1-SAFF0AC5 SICK-STR1-SAFF0AC5 Datasheet
482Kb / 9P
   NON-CONTACT SAFETY SWITCHES
More results

Mô tả tương tự - STR1230165WF01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STR1060005CE01 ETC2-STR1060005CE01 Datasheet
364Kb / 7P
   3527 LED Strip Lights
STR1060005CE03 ETC2-STR1060005CE03 Datasheet
1Mb / 8P
   3527/3528 LED Strip Lights without Sleeves
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
   LED reading lights
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
   Astrolite LED Indicator Lights
logo
OptoSupply Internationa...
OE35RGB3N-J OPTOSUPPLY-OE35RGB3N-J Datasheet
265Kb / 3P
   PRODUCT SPECIFICATION FOR 5050 SMD 3-LED MODULE
logo
Inolux Corporation
IN-PI554FCH INOLUX-IN-PI554FCH Datasheet
1Mb / 19P
   5050 RGB LED 4-Pin With Integrated IC
IN-PI55QATPRPGPBPW-XX INOLUX-IN-PI55QATPRPGPBPW-XX Datasheet
1Mb / 17P
   5050 RGBW LED 4-Pin with Integrated IC
IN-PI55TATXRXGXB INOLUX-IN-PI55TATXRXGXB Datasheet
946Kb / 13P
   5050 RGB LED 4-Pin with Integrated IC
logo
OptoSupply Internationa...
OE78X3N-J OPTOSUPPLY-OE78X3N-J Datasheet
264Kb / 3P
   PRODUCT SPECIFICATION FOR 5050 SMD 3-LED MODULE
logo
Inolux Corporation
IN-PI55TBTPRPGPB INOLUX-IN-PI55TBTPRPGPB Datasheet
876Kb / 13P
   5050 RGB LED 6-Pin with Integrated IC
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com