công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR1060005BA03 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện STR1060005BA03
Giải thích chi tiết về linh kiện  3527/3528 LED Strip Lights without Sleeves
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

STR1060005BA03 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  STR1060005BA03 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR1060005BA03 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR1060005BA03 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR1060005BA03 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR1060005BA03 Datasheet HTML 5Page - List of Unclassifed Manufacturers STR1060005BA03 Datasheet HTML 6Page - List of Unclassifed Manufacturers STR1060005BA03 Datasheet HTML 7Page - List of Unclassifed Manufacturers STR1060005BA03 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3527/3528 LED Strip Lights without Sleeves
2 / 8
Tel: 1-408-514-1524
Fax: 1-408-514-1523
Http://www.qt-brightek.com
Copyright © 2010 QT-Brightek Corporation. All rights reserved. The information in this
document is subject to change without notice.
3527/2528 LED Strip Lights
The LED Soft Strip lights are designed by using the surface mounted LEDs on a flexible PCB board with
a viewing angle greater than 120 degree. The LED lights are uniformly distributed with three LEDs in
each perforated portion, and each group can be cut for length requirement.
The LED Soft Strip lights are available in all kinds of colors for different decoration usage.
Its voltage is DC12V for safety usage.
Introduction
简介
Features:
Adopt FPC as substrate
High brightness SMD LED as light source with a 120 degree
viewing angle.
Different colors available: Pure white, cool white, red, green, blue,
yellow, RGB color, etc.
Any length of 5 meters or below.
Input Power: DC12V.
Can be cut or connect to the longest length of 10 meters
Unique waterproof connector for outdoor usage.
Environment protection, Saves 80% more energy than the
traditional light.
Life span of 50000 hours.
Application:
Architecture, Corridor, Aisle
Sign, Backlighting
Hotel, KTV, Decoration
Exhibition decoration, Household


Số phần tương tự - STR1060005BA03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STR1060005BA01 ETC2-STR1060005BA01 Datasheet
364Kb / 7P
   3527 LED Strip Lights
More results

Mô tả tương tự - STR1060005BA03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STR1060005CE01 ETC2-STR1060005CE01 Datasheet
364Kb / 7P
   3527 LED Strip Lights
STR1230165CG01 ETC2-STR1230165CG01 Datasheet
1Mb / 7P
   5050 LED Strip Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
   LED reading lights
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
   Astrolite LED Indicator Lights
1091M CML-1091M Datasheet
222Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Visual Communications C...
L79 VCC-L79 Datasheet
590Kb / 2P
   LED Indicator lights mounting hole
1091QM VCC-1091QM Datasheet
67Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Molex Electronics Ltd.
987651-6364 MOLEX-987651-6364 Datasheet
431Kb / 2P
   Brad M12 LED Machine Lights
2017.04
logo
Chicago Miniature Lamp,...
1091QM CML-1091QM Datasheet
224Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Banner Engineering Corp...
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
   LED..SM Series Spot Lights
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com