công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP1013 bảng dữ liệu(PDF) 1 Page - Stanson Technology

tên linh kiện STP1013
Giải thích chi tiết về linh kiện  Dual P Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STANSON [Stanson Technology]
Trang chủ  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP1013 bảng dữ liệu(HTML) 1 Page - Stanson Technology

  STP1013 Datasheet HTML 1Page - Stanson Technology STP1013 Datasheet HTML 2Page - Stanson Technology STP1013 Datasheet HTML 3Page - Stanson Technology STP1013 Datasheet HTML 4Page - Stanson Technology STP1013 Datasheet HTML 5Page - Stanson Technology STP1013 Datasheet HTML 6Page - Stanson Technology STP1013 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STP1013
Dual P Channel Enhancement Mode MOSFET
-0.45A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
STP1013 2009. V1
DESCRIPTION
STP1013 is the
P-Channel enhancement mode power field effect transistors are
produced using high cell density, DMOS trench technology. This high density process is
especially tailored to minimize on-state resistance and provide superior switching
performance. These devices are particularly suited for low voltage applications such as
notebook computer power management and other bettery powered circuits where
high-side switching, low in-line power loss, and resistance to transients are needed.
PIN CONFIGURATION
SOT-523 / SC-89
PART MARKING
FEATURE
-20V/-0.45A, RDS(ON) =520ohm
@VGS =-4.5V
-20V/-0.35A, RDS(ON) =700ohm
@VGS =-2.5V
-20V/-0.25A, RDS(ON) =950ohm
@VGS =-1.8V
Super high density cell design for extremely
low RDS(ON)
Exceptional low on-resistance and maximum
DC current capability
SOT-523 / SC89 package design


Số phần tương tự - STP1013

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
1Mb / 23P
   N-channel 100 V, 0.0068 廓 typ., 80 A, STripFET??VII DeepGATE??Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
logo
Inchange Semiconductor ...
STP100N10F7 ISC-STP100N10F7 Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP100N10F7 DOINGTER-STP100N10F7 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
652Kb / 28P
   N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
DS9291 - Rev 5 - June 2018
STP100N6F7 STMICROELECTRONICS-STP100N6F7 Datasheet
492Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
More results

Mô tả tương tự - STP1013

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com