công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML22824 bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện ML22824
Giải thích chi tiết về linh kiện  Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ML22824 bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML22824 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22824 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22824 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22824 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22824 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22824 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22824 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22824 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML22824 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
FEDL228XX-05
ML2282X-XXX/ ML2286X -XXX
9/63
DC Characteristics (for the 5V applications)
DVDD = SPVDD = 4.5 to 5.5 V, DGND = SPGND = 0 V, Ta = −40 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” input voltage
VIH
0.8
×DV
DD
DVDD
V
“L” input voltage
VIL
0
0.2
×DV
DD
V
“H” output voltage 1
VOH1
IOH = −1 mA
DVDD−0.4
V
“H” output voltage 2 (*1)
VOH2
IOH = −50µA
DVDD−0.4
V
“L” output voltage 1
VOL1
IOL = 2 mA
0.4
V
“L” output voltage 2 (*1)
VOL2
IOL = 50 µA
0.4
V
“L” output voltage 3 (*2)
VOL3
IOL = 3 mA
0.4
V
“H” input current 1
IIH1
VIH = DVDD
10
µA
“H” input current 2 (*3)
IIH2
VIH = DVDD
0.8
5.0
20
µA
“H” input current 3 (*4)
IIH3
VIH = DVDD
20
100
400
µA
“L” input current 1
IIL1
VIL = GND
−10
µA
“L” input current 2 (*3)
IIL2
VIL = GND
−20
−5.0
−0.8
µA
“L” input current 3 (*5)
IIL3
VIL = GND
−400
−100
−20
µA
“L” output leak current 2
(*6)
IILOH
VOH = DVDD
10
µA
“L” output leak current 3
(*6)
IILOL
VOL = GND
−10
µA
Supply current during
playback
IDD
fOSC = 4.096 MHz
No output load
25
mA
Ta =
−20 to +40°C
1
15
µA
Power-down supply
current
IDDS
Ta =
−20 to +85°C
1
30
µA
*1: Applies to the XTB pin.
*2: Applies to the SCL and SDA pins.
*3: Applies to the XT pin.
*4: Applies to the TESTI0 pin.
*5: Applies to the RESETB pin.
*6: Applies to the TESTO pin.


Số phần tương tự - ML22824

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ML22825-XXX ETC2-ML22825-XXX Datasheet
1Mb / 63P
   Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
logo
Micro Linear Corporatio...
ML2282BCP MICRO-LINEAR-ML2282BCP Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
ML2282BCS MICRO-LINEAR-ML2282BCS Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
ML2282BIP MICRO-LINEAR-ML2282BIP Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
ML2282CCP MICRO-LINEAR-ML2282CCP Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
More results

Mô tả tương tự - ML22824

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ML22825-XXX ETC2-ML22825-XXX Datasheet
1Mb / 63P
   Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
   4-Channel Mixing Speech Synthesis LSI
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com