công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML22Q563-NNNMB bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện ML22Q563-NNNMB
Giải thích chi tiết về linh kiện  4-Channel Mixing Speech Synthesis LSI
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563-NNNMB bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  ML22Q563-NNNMB Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
FEDL2256X-06
ML22Q563/ML2256X
The table below summarizes the differences between the exsisting speech synthesis LSIs (ML225X and
ML2282X) and the ML22Q563/ML2256X.
Item
ML225X
ML2282X
ML22Q563
ML2256X
CPU interface
Parallel/Serial
Serial/I2C
Serial
ROM type
MASK
P2ROM
FLASH
MASK
ROM capacity
3/4/6 Mbits
4/8/16 Mbits
4 Mbits
2/4 Mbits
Playback method
2-bit ADPCM2
4-bit ADPCM2
8-bit straight PCM
8-bit non-linear PCM
16-bit straight PCM
4-bit ADPCM2
8-bit straight PCM
8-bit non-linear PCM
16-bit straight PCM
HQ-ADPCM
8-bit straight PCM
8-bit non-linear PCM
16-bit straight PCM
HQ-ADPCM
8-bit straight PCM
8-bit non-linear PCM
16-bit straight PCM
Maximum number of
phrases
256
1024
Sampling frequency
(kHz)
4.0/5.3/6.4/8.0/
10.7/12.0/12.8/
16.0/21.3/24.0/
25.6/32.0/48.0
6.4/8.0/12.0/
12.8/16.0/24.0/
25.6/32.0/48.0
Clock frequency
4.096 MHz (has a
crystal oscillator
circuit built-in)
D/A converter
14-bit voltage-type
16-bit voltage-type
Low-pass filter
FIR interpolation
filter
FIR interpolation
filter
(SRC)
FIR interpolation
filter
(High-pass
interpolation)
Speaker driving
amplifier
No
Built-in
0.7 W
(8
Ω, DVDD = 5 V)
Built-in
1.0 W
(8
Ω, DVDD = 5 V)
Simultaneous sound
production function
(mixing function)
4-channel
Edit ROM
Yes
Volume control
29 levels
32 levels
Silence insertion
20 to 1024 ms
(4 ms steps)
Repeat function
Yes
External analog
input
No
Yes
External speech
data input
Yes
No
Interval at which a
seam is silent during
continuous playback
No
Power supply
voltage
2.7 V to 5.5 V
Ambient
temperature
−40°C to +105°C
−40°C to +85°C
Package
44-pin QFP
30-pin SSOP
2/66


Số phần tương tự - ML22Q563-NNNMB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ML22Q563 ETC2-ML22Q563 Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
More results

Mô tả tương tự - ML22Q563-NNNMB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
   4-Channel Mixing Speech Synthesis LSI
logo
OKI electronic componet...
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com