công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML22Q553-NNNMB bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện ML22Q553-NNNMB
Giải thích chi tiết về linh kiện  4-Channel Mixing Speech Synthesis LSI
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q553-NNNMB bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  ML22Q553-NNNMB Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
FEDL22Q553-02
Issue Date: Apr. 25, 2013
ML22Q553-NNNMB/ML22Q553-xxxMB
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
1/69
GENERAL DESCRIPTION
The ML22Q553-NNN and ML22Q553-xxx are 4-channel mixing speech synthesis LSIs with built-in FLASH
ROM for voice data.
These LSIs incorporate into them an HQ-ADPCM decoder that enables high sound
quality, 16-bit D/A converter, low-pass filter, 1.0 W monaural speaker amplifier for driving speakers , and
over-current detectible function for Speaker Pins. Since functions necessary for voice output are all integrated
into a single chip, a system can be upgraded with audio features by only using one of these LSIs.
• Capacity of internal memory and the maximum voice production time (when HQ-ADPCM※1 method used)
Maximum voice production time (sec)
Product name
ROM capacity
fsam = 8.0 kHz
fsam = 16.0 kHz
fsam = 32.0 kHz
ML22Q553-NNN/-xxx
4 Mbits
161
80
40
FEATURES
• Speech synthesis method:
Can be specified for each phrase.
HQ-ADPCM / 8-bit non-linear PCM / 8-bit PCM / 16-bit PCM
• Sampling frequency:
Can be specified for each phrase.
12.0/24.0/48.0 kHz, 8.0/16.0/32.0 kHz, 6.4/12.8/25.6 kHz
• Built-in low-pass filter and 16-bit D/A converter
• Built-in speaker driver amplifier:
1.0 W, 8
Ω (at DV
DD = 5 V)
(with over-current detectible function for Speaker pins)
• External analog voice input (built-in analog mixing function)
• CPU command interface:
Clock synchronous serial interface
• Maximum number of phrases:
1024 phrases, from 000h to 3FFh
• Edit ROM
• Volume control:
CVOL command: Adjustable through 32 levels (including OFF)
AVOL command: Adjustable through 50 levels (including OFF)
• Repeat function:
LOOP command
• Channel mixing function:
4 channels
• Power supply voltage detection function: Can be controlled at six levels from 2.7 to 4.0 V (including the
OFF setting)
• Source oscillation frequency:
4.096 MHz
• Power supply voltage:
4.5 to 5.5 V
• Operating temperature range:
–40
°C to +105°C※2
• Package:
heat sink type 30-pin plastic SSOP(P-SSOP30-56-0.65-Z6K)
•Product name:
ML22Q553-NNNMB/ML22Q553-xxxMB
(“xxx” denotes ROM code number)
HQ-ADPCM is a high sound quality audio compression technology of "Ky's".
“Ky’s” is a Registered trademark of National Universities corporate Kyushu
Institute of Technology
1
The limitation on the operation time changes by the using condition. (Refer to Page66)
2


Số phần tương tự - ML22Q553-NNNMB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OKI electronic componet...
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54GA OKI-ML22Q54GA Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q563 ETC2-ML22Q563 Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q563-xxxMB ETC2-ML22Q563-xxxMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
More results

Mô tả tương tự - ML22Q553-NNNMB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
logo
OKI electronic componet...
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com