công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Q2016LH4 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện Q2016LH4
Giải thích chi tiết về linh kiện  Alternistor Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

Q2016LH4 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button Q2016LH4 Datasheet HTML 2Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 3Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 4Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 5Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 6Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 7Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 8Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Alternistor Triacs
Data Sheets
http://www.littelfuse.com
E4 - 6
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
(10) See Figure E4.12 for tgt versus IGT.
(11) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
(12) Initial on-state current = 400 mA dc for 16 A to 40 A devices and
100 mA for 6 A to 12 A devices.
(13) See Figure E4.1 through Figure E4.4 for maximum allowable case
temperature at maximum rated current.
(14) Pulse width
≤10 µs; IGT ≤ IGTM
(15) For 6 A to 12 A devices, RL = 60 Ω; 16 A and above, RL = 30 Ω
(16) 40 A pin terminal leads on K package can run 100 °C to 125 °C.
(17) Alternistor does not turn on in Quadrant IV.
(18) TC = TJ for test conditions in off state
(19) IGT = 200 mA for 6 A to 12 A devices and 500 mA for 16 A to 40 A
devices with gate pulse having rise time of
≤0.1 µs.
(20) Minimum non-trigger VGT at 125 °C is 0.2 V.
Gate Characteristics
Teccor triacs may be turned on in the following ways:
In-phase signals (with standard AC line) using Quadrants I
and III
Application of unipolar pulses (gate always negative), using
Quadrants II and III with negative gate pulses
In all cases, if maximum surge capability is required, gate pulses
should be a minimum of one magnitude above minimum IGT rat-
ing with a steep rising waveform (
≤1 µs rise time).
If QIV and QI operation is required (gate always positive), see
Figure AN1002.8, “Amplified Gate” Thyristor Circuit.
Definition of Quadrants
Electrical Isolation
Teccor’s isolated alternistor packages withstand a minimum high
potential test of 2500 V ac rms from leads to mounting tab, over
the operating temperature range of the device. The following iso-
lation table shows standard and optional isolation ratings.
* UL Recognized File E71639
** For 4000 V isolation, use V suffix in part number.
* UL Recognized Product per UL File E71639
** For 4000 V isolation, use V suffix in part number.
Electrical Isolation
from Leads to Mounting Tab *
VAC RMS
TO-218
Isolated
TO-220
Isolated
TO-218X
Isolated
2500
Standard
Standard
Standard
4000
N/A
Optional **
N/A
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-
NOTE: Alternistors will not operate in QIV
Thermal Resistance (Steady State)
R θ JC [R θ JA] (TYP.) °C/W
Package Code
KJ
L
R
D
V
N
Type
TO-218
Isolated *
TO-218X
Isolated *
TO-220
Isolated **
TO-220
Non-Isolated
TO-252
D-Pak
TO-251
V-Pak
TO-263
D2Pak
6 A
3.3 [50]
1.80 [45]
2.1
2.3 [64]
1.80
8 A
2.8
1.50
1.8
2.1
1.50
10 A
2.6
1.30
1.30
12 A
2.3
1.20
1.20
16 A
2.1
1.10
1.10
25 A
1.35
1.32
2.0
0.87
0.87
30 A
2.3
35 A
0.85
40 A
0.97
0.95


Số phần tương tự - Q2016LH4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
Q2016LH4 LITTELFUSE-Q2016LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
More results

Mô tả tương tự - Q2016LH4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
Littelfuse
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com