công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

90-T100C1 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện 90-T100C1
Giải thích chi tiết về linh kiện  CLASS 2 TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

90-T100C1 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  90-T100C1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 90-T100C1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.white-rodgers.com
02
CLASS 2
TRANSFORMERS
Model
Mars
Jard
Number
Part No.
Part No. VA
Hz
Primary
Connections Sec. Connections
90-T40M1
50302
40M
40
60
20V
Leads
24V
Leads
90-T40M2
50303
402M
40 50/60
208/240V
Leads
24V
Leads
90-T40M3
50304
403M
40
60 20/208/240V
Leads
24V
Leads
90-T50M3
5034
503M
50
60 20/208/240V
Leads
24V
Leads
MULTI-MOUNT
(CLOSED CONSTRUCTION) UNIVERSAL MOUNTING WITH PLATE
90-T40S1 THRU 90-T75C3 24 VOLT SECONDARY
CLASS 2 TRANSFORMERS ENERGY LIMITING
For Industrial, Heating and Air Conditioning Controls Applications
SPECIFICATIONS
Agency . . . . . . . . . . . . . . . . . . . . . . . . . . . U.L. file number
E33334
FEATURES
• Color coded primary leads.
• Multi-mount styles available.
90-T40F1
Model
Mars
Jard
Number
Part No.
Part No. VA
Hz
Primary
Connections Sec. Connections
90-T40F1
50352
40F
40
60
20V
Leads
24V
Leads
90-T40F2
50353
402F
40 50/60
208/240V
Leads
24V
Leads
90-T40F3
50354
403F
40
60 20/208/240V
Leads
24V
Leads
T40-24
40 50/60 20/208/240V
Leads
24V
Leads
90-T50F3
503F
50
60 20/208/240V
Leads
24V
Leads
FOOT-MOUNT
(OPEN CONSTRUCTION)
Model
Mars
Jard
Number
Part No.
Part No. VA
Hz
Primary
Connections Sec. Connections
90-T50C3
50327
504C
50 50/60 20/208/240V
Leads
24V
Leads
90-T60C3
50327
604C
60 50/60 20/208/240V
Leads
24V
Leads
90-T75C3
5032
754C
75 50/60 20/208/240V
Leads
24V
Leads
90-T100C1
00 60
20V
Leads
25V
Leads
90-T100C2
00 50/60
208/240V
Leads
25V
Leads
FOOT-MOUNT
(MANUAL RESET, OPEN CONSTRUCTION)
Primary Side
Secondary Side
Common
120V
208V
240V
Common
24V
*
Black
White
Red
Orange
Blue
Yellow
TRANSFORMER LEAD COLOR CODING
90-T40S3
90-T75C3
WALL PLUG-IN
Isolation Step Down Transformer
FEATURES
• Sealed tamper and impact resistant case.
• Output termination is screw terminals.
• Non-polarized 20V plug-in blades.
• Trouble free maintenance.
• Isolated from power source.
SPECIFICATIONS
Dimensions, 5401A-1 . . . . . . . . . . . . . . 3”H x 2/2”W x 3/4”D
Dimensions, 5402A-1 . . . . . . . . . . . . . . 3”H x 23/4”W x 2/4”D
Output terminals . . . . . . . . . . . . . . . . . . . #6-32 screws
Agency ratings . . . . . . . . . . . . . . . . . . . . C.S.A. and U.L. class 2
5401A-1
Model
Number
Primary
Secondary
5401A-1
20VAC, 60 Hz, 0.4A 24VAC, 0VA
5402A-1
20VAC, 60 Hz, 0.3A 24VAC, 25VA
NEW!
NEW!
* Black is common with respect to the transformer winding, not the external circuit.


Số phần tương tự - 90-T100C1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
90-0002 MAXIM-90-0002 Datasheet
26Kb / 1P
   PACKAGE LAND PATTERN, (T4055-2 / T40552)
Rev B
90-0021 MAXIM-90-0021 Datasheet
29Kb / 1P
   PACKAGE LAND PATTERN, (T2444-3 / T24443)
Rev B
90-0022 MAXIM-90-0022 Datasheet
29Kb / 1P
   PACKAGE LAND PATTERN, (T2444-4 / T24444)
Rev B
90-0028 MAXIM-90-0028 Datasheet
26Kb / 1P
   PACKAGE LAND PATTERN (T2855-8 / T28558 / T2855MK8)
Rev C
90-0032 MAXIM-90-0032 Datasheet
34Kb / 1P
   PACKAGE LAND PATTERN, (T1633-5 / T16335)
Rev B
More results

Mô tả tương tự - 90-T100C1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
S84Z-401 ETC2-S84Z-401 Datasheet
502Kb / 2P
   CLASS 2 TRANSFORMERS ??ENERGY LIMITING
logo
RENCO ELECTRONICS, INC.
RL-2252 RENCO-RL-2252 Datasheet
1Mb / 2P
   50/60 Hz TRANSFORMERS ALL/TRAN??Class 2
logo
List of Unclassifed Man...
DST-4-20 ETC2-DST-4-20 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
logo
TRIAD MAGNETICS
F10-3600-C2 TRIAD-F10-3600-C2 Datasheet
48Kb / 1P
   CLASS 2 TRANSFORMER
F10-2000-C2 TRIAD-F10-2000-C2 Datasheet
48Kb / 1P
   CLASS 2 TRANSFORMER
F10-110-C2 TRIAD-F10-110-C2 Datasheet
47Kb / 1P
   CLASS 2 TRANSFORMER
FS12-090-C2-B TRIAD-FS12-090-C2-B Datasheet
181Kb / 1P
   CLASS 2 TRANSFORMER
FS12-1000-C2-B TRIAD-FS12-1000-C2-B Datasheet
181Kb / 1P
   CLASS 2 TRANSFORMER
F12-090-C2 TRIAD-F12-090-C2 Datasheet
34Kb / 1P
   CLASS 2 TRANSFORMER
F12-1000-C2 TRIAD-F12-1000-C2 Datasheet
49Kb / 1P
   CLASS 2 TRANSFORMER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com